Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 93 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 93 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 89Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 90Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 91Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 92Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 93Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 94Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 95Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 96Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 93 of 232
Table 38: DMA Configuration Data Structure
Byte
Offset
Bit
Name
Description
0
7:0
SRCADDR[15:8]
The DMA channel source address, high
1
7:0
SRCADDR[7:0]
The DMA channel source address, low
2
7:0
DESTADDR[15:8]
The DMA channel destination address, high. Note that flash memory is not directly
writeable.
3
7:0
DESTADDR[7:0]
The DMA channel destination address, low. Note that flash memory is not directly
writeable.
4
7:5
VLEN[2:0]
Variable length transfer mode. In word mode, bits 12:0 of the first word is considered
as the transfer length.
000/111
Use LEN for transfer count
001
Transfer the number of bytes/words specified by first byte/word + 1 (up
to a maximum specified by LEN). Thus transfer count excludes length
byte/word
010
Transfer the number of bytes/words specified by first byte/word (up to a
maximum specified by LEN). Thus transfer count includes length
byte/word.
011
Transfer the number of bytes/words specified by first byte/word + 2 (up
to a maximum specified by LEN).
100
Transfer the number of bytes/words specified by first byte/word + 3 (up
to a maximum specified by LEN).
101
reserved
110
reserved
4
4:0
LEN[12:8]
The DMA channel transfer count.
Used as maximum allowable length when VLEN = 000/111. The DMA channel
counts in words when in WORDSIZE mode, and in bytes otherwise.
5
7:0
LEN[7:0]
The DMA channel transfer count.
Used as maximum allowable length when VLEN = 000/111. The DMA channel
counts in words when in WORDSIZE mode, and in bytes otherwise.
6
7
WORDSIZE
Selects whether each DMA transfer shall be 8-bit (0) or 16-bit (1).
6
6:5
TMODE[1:0]
The DMA channel transfer mode:
00 : Single
01 : Block
10 : Repeated single
11 : Repeated block
6
4:0
TRIG[4:0]
Select DMA trigger to use
00000 : No trigger (writing to
DMAREQ is only trigger)
00001 : The previous DMA channel finished
00010 – 11111 : Selects one of the triggers shown in Table 37. The trigger is
selected in the order shown in the table.
7
7:6
SRCINC[1:0]
Source address increment mode (after each transfer):
00 : 0 bytes/words
01 : 1 bytes/words
10 : 2 bytes/words
11 : -1 bytes/words
7
5:4
DESTINC[1:0]
Destination address increment mode (after each transfer):
00 : 0 bytes/words
01 : 1 bytes/words
10 : 2 bytes/words
11 : -1 bytes/words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com