Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 50 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 50 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 46Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 47Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 48Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 49Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 50Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 51Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 52Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 53Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 50 of 232
Mnemonic
Description
Hex
Opcode
Bytes
Cycles
ORL direct,#data
OR immediate data to direct byte
43
3
4
XRL A,Rn
Exclusive OR register to accumulator
68-6F
1
1
XRL A,direct
Exclusive OR direct byte to accumulator
65
2
2
XRL A,@Ri
Exclusive OR indirect RAM to accumulator
66-67
1
2
XRL A,#data
Exclusive OR immediate data to accumulator
64
2
2
XRL direct,A
Exclusive OR accumulator to direct byte
62
2
3
XRL direct,#data
Exclusive OR immediate data to direct byte
63
3
4
CLR A
Clear accumulator
E4
1
1
CPL A
Complement accumulator
F4
1
1
RL A
Rotate accumulator left
23
1
1
RLC A
Rotate accumulator left through carry
33
1
1
RR A
Rotate accumulator right
03
1
1
RRC A
Rotate accumulator right through carry
13
1
1
SWAP A
Swap nibbles within the accumulator
C4
1
1
Data transfers
MOV A,Rn
Move register to accumulator
E8-EF
1
1
MOV A,direct
Move direct byte to accumulator
E5
2
2
MOV A,@Ri
Move indirect RAM to accumulator
E6-E7
1
2
MOV A,#data
Move immediate data to accumulator
74
2
2
MOV Rn,A
Move accumulator to register
F8-FF
1
2
MOV Rn,direct
Move direct byte to register
A8-AF
2
4
MOV Rn,#data
Move immediate data to register
78-7F
2
2
MOV direct,A
Move accumulator to direct byte
F5
2
3
MOV direct,Rn
Move register to direct byte
88-8F
2
3
MOV direct1,direct2
Move direct byte to direct byte
85
3
4
MOV direct,@Ri
Move indirect RAM to direct byte
86-87
2
4
MOV direct,#data
Move immediate data to direct byte
75
3
3
MOV @Ri,A
Move accumulator to indirect RAM
F6-F7
1
3
MOV @Ri,direct
Move direct byte to indirect RAM
A6-A7
2
5
MOV @Ri,#data
Move immediate data to indirect RAM
76-77
2
3
MOV DPTR,#data16
Load data pointer with a 16-bit constant
90
3
3
MOVC A,@A+DPTR
Move code byte relative to DPTR to accumulator
93
1
3
MOVC A,@A+PC
Move code byte relative to PC to accumulator
83
1
3
MOVX A,@Ri
Move external RAM (8-bit address) to A
E2-E3
1
3-10
MOVX A,@DPTR
Move external RAM (16-bit address) to A
E0
1
3-10
MOVX @Ri,A
Move A to external RAM (8-bit address)
F2-F3
1
4-11
MOVX @DPTR,A
Move A to external RAM (16-bit address)
F0
1
4-11
PUSH direct
Push direct byte onto stack
C0
2
4
POP direct
Pop direct byte from stack
D0
2
3
XCH A,Rn
Exchange register with accumulator
C8-CF
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com