Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 47 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 43Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 44Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 45Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 46Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 47Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 48Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 49Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 50Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 47 of 232
PSW (0xD0) – Program Status Word
Bit
Name
Reset
R/W
Description
7
CY
0
R/W
Carry flag. Set to 1 when the last arithmetic operation resulted in a
carry (during addition) or borrow (during subtraction), otherwise
cleared to 0 by all arithmetic operations.
6
AC
0
R/W
Auxiliary carry flag for BCD operations. Set to 1 when the last
arithmetic operation resulted in a carry into (during addition) or
borrow from (during subtraction) the high order nibble, otherwise
cleared to 0 by all arithmetic operations.
5
F0
0
R/W
User-defined, bit-addressable
Register bank select bits. Selects which set of R7-R0 registers to
use from four possible register banks in DATA space.
00
Bank 0, 0x00 – 0x07
01
Bank 1, 0x08 – 0x0F
10
Bank 2, 0x10 – 0x17
4:3
RS[1:0]
00
R/W
11
Bank 3, 0x18 – 0x1F
2
OV
0
R/W
Overflow flag, set by arithmetic operations. Set to 1 when the last
arithmetic operation resulted in a carry (addition), borrow
(subtraction), or overflow (multiply or divide). Otherwise, the bit is
cleared to 0 by all arithmetic operations.
1
F1
0
R/W
User-defined, bit-addressable
0
P
0
R/W
Parity flag, parity of accumulator set by hardware to 1 if it contains
an odd number of 1’s, otherwise it is cleared to 0
12.5.3 Accumulator
ACC is the accumulator. This is the source
and destination of most arithmetic instructions,
data transfers and other instructions. The
mnemonic for the accumulator (in instructions
involving the accumulator) refers to A instead
of ACC.
ACC (0xE0) – Accumulator
Bit
Name
Reset
R/W
Description
7:0
ACC[7:0]
0x00
R/W
Accumulator
12.5.4 B Register
The B register is used as the second 8-bit
argument during execution of multiply and
divide instructions. When not used for these
purposes it may be used as a scratch-pad
register to hold temporary data.
B (0xF0) – B Register
Bit
Name
Reset
R/W
Description
7:0
B[7:0]
0x00
R/W
B register. Used in MUL/DIV instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com