Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 140 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 140 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 136Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 137Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 138Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 139Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 140Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 141Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 142Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 143Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 140 of 232
13.10 Power Management
This
section
describes
the
Power
Management
Controller.
The
Power
Management Controller controls the use of
power modes and clock control to achieve
low-power operation.
13.10.1 Power Management Introduction
The
CC2430
uses different operating
modes, or power modes, to allow low-
power
operation.
Ultra-low-power
operation is obtained by turning off power
supply to modules to avoid static (leakage)
power consumption and also by using
clock gating to reduce dynamic power
consumption.
The
various
operating
modes
are
enumerated and are be designated as
power modes (PMx). The power modes
are:
•
PM0
Clock oscillators on, voltage regulator
on
•
PM1
32.768 kHz oscillators on, voltage
regulator on
•
PM2
32.768 kHz oscillators on, voltage
regulator off
•
PM3
All
clock
oscillators
off,
voltage
regulator off
Note: the voltage regulator above refers to
the digital regulator. The analog voltage
regulator must be disabled separately
through the RF register RFPWR.
13.10.1.1 PM0
PM0 is the full functional mode of
operation where the CPU, peripherals and
RF transceiver are active. The voltage
regulator is turned on.
PM0 is used for normal operation.
13.10.1.2 PM1
In PM1, the high-speed oscillators are
powered down. The voltage regulator and
the 32.768 kHz oscillators are on. When
PM1 is entered, a power down sequence
is run. When the device is taken out of
PM1 to PM0, the high-speed oscillators
are started. The device will run on the high
speed RC oscillator until the high speed
XOSC has settled and been selected.
PM1 is used when the expected time until
a wakeup event is relatively short since
PM1
uses
a
fast
power
down/up
sequence.
13.10.1.3 PM2
PM2 has the second lowest power
consumption. In PM2 the power-on reset,
external interrupts, 32.768 kHz oscillator
and sleep timer peripherals are active. I/O
pins retain the I/O mode and output value
set before entering PM2. All other internal
circuits are powered down. The voltage
regulator is also turned off. When PM2 is
entered, a power down sequence is run.
PM2 is used when it is relatively long until
the expected time for wakeup event, since
the power up/down sequence is relatively
long. PM2 is typically entered when using
the sleep timer as the wakeup event.
13.10.1.4 PM3
PM3 is used to achieve the operating
mode with the lowest power consumption.
In PM3 all internal circuits that are
powered from the voltage regulator are
turned off. The internal voltage regulator
and all oscillators are also turned off.
Power-on reset and external I/O port
interrupts are the only functions that are
operating in this mode. I/O pins retain the
I/O mode and output value set before
entering PM3. Only a reset or external
interrupt condition will wake the device up
and place it into PM0. The contents of
RAM and registers are preserved in this
mode. PM3 uses the same power down/up
sequence as PM2.
PM3 is used to achieve ultra low power
consumption when waiting for an external
event.
13.10.2 Power Management Control
The required power mode is selected by
the MODE bits in the SLEEP control
register.
Setting
the
SFR
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com