Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 177 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 177 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 173Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 174Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 175Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 176Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 177Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 178Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 179Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 180Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 177 of 232
The
RF
interrupt
generated
by
RFSTATUS.FIFOP
and
also
the
RFSTATUS.FIFO and RFSTATUS.FIFOP
register bits are used to assist the CPU in
supervising the RXFIFO. Please note that
these status bits are only related to the
RXFIFO, even if
CC2430 is in transmit
mode.
A DMA transfer should be used to read
data from the RXFIFO. In this case a DMA
channel can be setup to use the RADIO
DMA trigger (see DMA triggers on page
92) to initiate a DMA transfer using the
RFD register as the DMA source.
Multiple data frames may be in the
RXFIFO simultaneously, as long as the
total number of bytes does not exceed
128.
See the RXFIFO overflow section on page
170 for details on how a RXFIFO overflow
is detected and signaled.
14.18 Address Recognition
CC2430 includes hardware support for
address recognition, as specified in [1].
Hardware address recognition may be
enabled
or
disabled
using
the
MDMCTRL0H.ADDR_DECODE control bit.
Address recognition uses the following RF
registers
•
IEEE_ADDR7-IEEE_ADDR0
•
PANIDH:PANIDL
•
SHORTADDRH:SHORTADDRL.
Address recognition is based on the
following requirements, listed from section
7.5.6.2 in [1]:
•
The frame type subfield shall not
contain an illegal frame type
•
If the frame type indicates that the
frame is a beacon frame, the
source PAN identifier shall match
macPANId unless macPANId is
equal to 0xFFFF, in which case
the
beacon
frame
shall
be
accepted regardless of the source
PAN identifier.
•
If a destination PAN identifier is
included in the frame, it shall
match macPANId or shall be the
broadcast
PAN
identifier
(0xFFFF).
•
If a short destination address is
included in the frame, it shall
match either macShortAddress or
the broadcast address (0xFFFF).
Otherwise
if
an
extended
destination address is included in
the
frame,
it
shall
match
aExtendedAddress.
•
If only source addressing fields
are included in a data or MAC
command frame, the frame shall
only be accepted if the device is a
PAN coordinator and the source
PAN
identifier
matches
macPANId.
If any of the above requirements are not
satisfied and address recognition is
enabled,
CC2430 will disregard the
incoming frame and flush the data from
the RXFIFO. Only data from the rejected
frame is flushed, data from previously
accepted frames may still be in the
RXFIFO.
Incoming frames are first subject to frame
type filtering according to the setting of the
MDMCTRL0H.FRAMET_FILT register bit.
Following the required frame type filtering,
incoming frames with reserved frame
types (FCF frame type subfield is 4, 5, 6 or
7)
are
however
accepted
if
the
RESERVED_FRAME_MODE control bit in the
RF register MDMCTRL0H is set. In this
case, no further address recognition is
performed on these frames. This option is
included for future expansions of the IEEE
802.15.4 standard.
If a frame is rejected,
CC2430 will only start
searching for a new frame after the
rejected frame has been completely
received (as defined by the length field) to
avoid detecting false SFDs within the
frame.
The
MDMCTRL0.PAN_COORDINATOR
control bit must be correctly set, since
parts of the address recognition procedure
requires knowledge about whether the
current device is a PAN coordinator or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com