Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 207 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 207 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 203Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 204Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 205Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 206Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 207Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 208Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 209Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 210Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 207 of 232
Bit
Name
Reset
R/W
Description
7:0
CCA_THR[7:0]
0xE0
R/W
Clear Channel Assessment threshold value, signed number
in 2’s complement for comparison with the RSSI.
The unit is 1 dB, offset is TBD [depends on the absolute
gain of the RX chain, including external components and
should be measured]. The CCA signal goes high when the
received signal is below this value.
The reset value is in the range of -70 dBm.
Table 50: Register RSSIH (0xDF06)
Bit
Name
Reset
R/W
Description
7:0
RSSI_VAL[7:0]
0x00
R
RSSI estimate on a logarithmic scale, signed numbern 2’s
complement.
Unit is 1 dB, offset is TBD [depends on the absolute gain of
the RX chain, including external components, and should
be measured]. The RSSI value is averaged over 8 symbol
periods.
Table 51: Register RSSIL (0xDF07)
Bit
Name
Reset
R/W
Description
7:0
SYNCWORD[15:8]
0xA7
R/W
Synchronization word. The SYNCWORD is processed from
the least significant nibble (F at reset) to the most significant
nibble (A at reset).
SYNCWORD is used both during modulation (where 0xF’s
are replaced with 0x0’s) and during demodulation (where
0xF’s are not required for frame synchronization). In
reception an implicit zero is required before the first symbol
required by SYNCWORD.
The reset value is compliant with IEEE 802.15.4.
Table 52: Register SYNCWORDH (0xDF08)
Bit
Name
Reset
R/W
Description
7:0
SYNCWORD[7:0]
0x0F
R/W
Synchronization word. The SYNCWORD is processed from
the least significant nibble (F at reset) to the most significant
nibble (A at reset).
SYNCWORD is used both during modulation (where 0xF’s
are replaced with 0x0’s) and during demodulation (where
0xF’s are not required for frame synchronization). In
reception an implicit zero is required before the first symbol
required by SYNCWORD.
The reset value is compliant with IEEE 802.15.4.
Table 53: Register SYNCWORDL (0xDF09)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com