Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 223 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 223 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 219Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 220Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 221Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 222Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 223Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 224Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 225Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 226Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 227Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 223 of 232
16 Voltage Regulators
The
CC2430 includes two low drop-out
voltage regulators. These are used to
provide a 1.8 V power supply to the
CC2430 analog and digital power supplies.
Note: The voltage regulators should not be
used to provide power to external circuits
because
of
limited
power
sourcing
capability
and
also
due
to
noise
considerations.
The analog voltage regulator input pin
AVDD_RREG is to be connected to the
unregulated 2.0 to 3.6 V power supply.
The regulated 1.8 V voltage output to the
analog
parts,
is
available
on
the
RREG_OUT pin. The digital regulator input
pin AVDD_DREG is also to be connected to
the unregulated 2.0 to 3.6 V power supply.
The output of the digital regulator is
connected internally within the
CC2430 to
the digital power supply.
The voltage regulators require external
components as described in section 11 on
page 29.
16.1 Voltage Regulators Power-on
The analog voltage regulator is disabled
by
setting
the
RF
register
bit
RFPWR.RREG_RADIO_PD to 1. When the
analog voltage regulator is powered-on by
clearing the RFPWR.RREG_RADIO_PD bit,
there will be a delay before the regulator is
enabled. This delay is programmable
through the RFPWR RF register. The
interrupt flag RFIF.IRQ_RREG_PD is set
when the delay has expired. The delayed
power-on can also be observed by polling
the
RF
register
bit
RFPWR.ADI_RADIO_PD.
The digital voltage regulator is disabled
when the
CC2430 is placed in power
modes PM2 or PM3 (see section 13.10).
When the voltage regulators are disabled,
register and RAM contents will be retained
while the unregulated 2.0 to 3.6 power
supply is present.
17 Evaluation Software
Chipcon provides users of
CC2430 with a
software
program,
SmartRF
®
Studio,
which may be used for radio performance
and functionality evaluation. SmartRF
®
Studio runs on Microsoft Windows 95/98
and
Microsoft
Windows
NT/XP/2000.
SmartRF
® Studio can be downloaded from
Chipcon’s
web
page:
http://www.chipcon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com