Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5SY4-101-7 Datasheet(PDF) 35 Page - Siemens Semiconductor Group

Part # 5SY4-101-7
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 Datasheet(HTML) 35 Page - Siemens Semiconductor Group

Back Button 5SY4-101-7 Datasheet HTML 31Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 32Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 33Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 34Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 35Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 36Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 37Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 38Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 39Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
5SX4 miniature circuit-breakers
10 kA, AC model
2/35
Siemens I 2.1 · 2001
N-Type Standard Product Range
Miniature Circuit-Breakers (MCBs)
10 000
3
V
s Features
s Application
• Un: 230/400 V, 50-60 Hz
applicable in networks up to
250/440 V AC,
60 V AC per pole
• Standards: IEC 60 898,
EN 60 898, DIN VDE 0641
Part 11
• 55 mm device mounting depth
• Additional components can
be retrofitted.
Characteristic B:
Cable and line protection mainly
in socket outlet circuits, proof
regarding shock-hazard protec-
tion is not necessary.
s Selection and ordering data
In
MW
Order No.
Price
Weight
1 item
Pack.
unit
A
1 item
kg
Items
Characteristic B
1-pole
61
5SX4 106-6
0.140
12
10
5SX4 110-6
13
5SX4 113-6
16
5SX4 116-6
20
5SX4 120-6
25
5SX4 125-6
321)
5SX4 132-6
40
5SX4 140-6
0.115
50
5SX4 150-6
1-pole + N
62
5SX4 506-6
0.210
6
10
5SX4 510-6
13
5SX4 513-6
16
5SX4 516-6
20
5SX4 520-6
25
5SX4 525-6
32
5SX4 532-6
40
5SX4 540-6
50
5SX4 550-6
2-pole
62
5SX4 206-6
0.280
6
10
5SX4 210-6
13
5SX4 213-6
16
5SX4 216-6
20
5SX4 220-6
25
5SX4 225-6
32
5SX4 232-6
40
5SX4 240-6
50
5SX4 250-6
3-pole
63
5SX4 306-6
0.440
4
10
5SX4 310-6
13
5SX4 313-6
16
5SX4 316-6
20
5SX4 320-6
25
5SX4 325-6
321)
5SX4 332-6
40
5SX4 340-6
0.450
50
5SX4 350-6
3-pole + N
10
4
5SX4 610-6
0.450
3
13
5SX4 613-6
16
5SX4 616-6
20
5SX4 620-6
25
5SX4 625-6
32
5SX4 632-6
40
5SX4 640-6
0.610
50
5SX4 650-6
For additional components see page 2/39.
For accessories see pages 2/40 to 2/42.
For dimension drawings and terminal connections see pages 2/63 and 2/64.
2
1
N/14
N/13
2
1
2
1
4
3
2 4 6
13 5
2
1
4
3
6
5
N/14
N/13
1) Also suitable for 21 kW active power for 3-phase 400 V (e. g. continuous-flow water heaters with short-time operation)
or 7 kW active power for 230 V AC (e. g. storage heater in non-continuous operation). For continuous load conditions,
we recommend to use miniature circuit-breakers with characteristic B and C and In = 40 A.
i21_02.fm Seite 35 Mittwoch, 20. Juni 2001 10:10 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com