Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5SY4-101-7 Datasheet(PDF) 28 Page - Siemens Semiconductor Group

Part # 5SY4-101-7
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 Datasheet(HTML) 28 Page - Siemens Semiconductor Group

Back Button 5SY4-101-7 Datasheet HTML 24Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 25Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 26Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 27Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 28Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 29Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 30Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 31Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 32Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
Accessories
2/28
Siemens I 2.1 · 2001
Power Supply Company Product Range
Miniature Circuit-Breakers (MCBs)
General accessories
Order No.
Price
Weight
1 item
Pack.
unit
1 item
kg
Items
Mounting plates
for mounting onto standard mounting rails
acc. to DIN EN 50 022
for 1 or 2 standard mounting rails
universally applicable,
125 mm clearance
5ST1 322
0.021
10
Busbar adapters
suitable for 40 mm clearance
to accept 3 selective main miniature
circuit-breakers
5ST1 314
0.35
1
with integrated terminals
50 mm2 for infeed
5ST1 315
0.65
to accept 1 selective main miniature
circuit-breaker
5ST1 321
0.105
Terminals
for CU busbars 12 mm x 5 mm,
for connection of N and PE conductors
up to 10 mm2
8GR5 487
0.14
1
Terminal covers
2 are required per device
to cover envelopes within the overall
dimensions acc. to DIN 43 880
5ST1 316
0.001
6
For covering terminals and cut-out of
meter panels with 125 mm clearance
5ST1 317
0.01
i21_01.fm Seite 28 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com