Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5SY4-101-7 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # 5SY4-101-7
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button 5SY4-101-7 Datasheet HTML 6Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 7Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 8Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 9Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 10Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 11Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 12Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 13Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
Description
2/10
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
s Selectivity of MCBs/fuses
In the event of a short circuit,
when using the 5SX4, 5SY4,
5SP4 MCBs and fuses accord-
ing to DIN VDE 0636 Part 21,
selectivity is provided up to the
indicated values in kA.
Limit values of the MCBs/fuses
selectivity in kA
Downstream
Upstream fuses
MCBs
In [A]
16 A
20 A
25 A
35 A
50 A
63 A
80 A
100 A
125 A
5SX4, 5SY4
Characteristics A, B
6
0.3
0.4
0.8
1.4
3.2
4.5
9.0
•
•
10
-
0.4
0.7
1.2
2.5
3.5
5.0
•
•
13
-
-
0.7
1.2
2.5
3.5
5.0
•
•
16
-
-
-
1.0
2.0
2.8
4.2
9.0
•
20
-
-
-
1.0
2.0
2.6
4.2
9.0
•
25
-
-
-
-
1.7
2.2
3.7
7.0
•
32
-
-
-
-
1.7
2.2
3.7
7.0
•
40
-
-
-
-
-
1.6
2.2
4.0
6.0
50
-
-
-
-
-
-
2.2
4.0
6.0
63
-
-
-
-
-
-
-
3.0
5.0
Characteristic C
≤ 2
0.3
0.5
1.5
2.0
9.0
•
•
•
•
3
0.3
0.4
1.1
1.6
5.0
6.0
•
•
•
4
0.3
0.4
0.9
1.4
3.5
5.0
9.0
•
•
6
-
0.4
0.8
1.4
2.7
4.5
6.0
•
•
8
-
-
0.6
1.2
2.2
3.5
5.0
7.0
•
10
-
-
0.5
1.2
2.0
3.0
4.2
7.0
•
13
-
-
-
1.0
1.6
2.4
3.4
6.0
•
16
-
-
-
1.0
1.5
2.2
3.0
6.0
•
20
-
-
-
-
1.3
2.2
3.0
6.0
•
25
-
-
-
-
-
2.2
2.9
5.0
9.0
32
-
-
-
-
-
-
2.4
4.0
7.0
40
-
-
-
-
-
-
2.0
3.5
4.0
50
-
-
-
-
-
-
-
3.0
4.0
63
Characteristic D
≤ 2
0.3
0.4
1.0
1.8
5.0
7.0
•
•
•
3
0.3
0.4
0.9
1.5
4.0
5.0
8.0
•
•
4
-
0.4
0.8
1.2
3.0
3.8
5.5
•
•
6
-
-
0.7
1.1
2.5
3.1
4.4
8.1
•
8
-
-
-
0.9
2.1
2.5
3.5
6.2
9.3
10
-
-
-
-
2.1
2.5
3.5
6.2
9.3
13
-
-
-
-
-
2.5
3.5
6.2
9.3
16
-
-
-
-
-
2.2
3.1
5.1
7.5
20
-
-
-
-
-
-
2.7
4.3
6.3
32
-
-
-
-
-
-
-
4.0
5.5
40
-
-
-
-
-
-
-
3.5
4.8
50
-
-
-
-
-
-
-
-
4.0
63
-
-
-
-
-
-
-
-
-
• r
≥ Rated breaking capacity 5SX4, 5SY4 acc. to EN 60 898
.
10 000
Limit values of the MCBs/fuses
selectivity in kA
Downstream
Upstream fuses
MCBs
In [A]
100 A
125 A
160 A
200 A
224 A
250 A
5SP4
Characteristic B
80
2.8
3.8
5.7
8.1
•
•
100
-
3.5
5.2
7.0
•
•
125
-
-
5.2
7.0
•
•
Characteristic C
80
2.5
3.5
5.1
7.5
9.2
•
100
-
3.3
4.5
6.5
8.0
•
125
-
-
4.5
6.5
8.0
•
Characteristic D
80
2.3
3.3
4.6
6.9
8.1
•
100
-
2.8
4.3
6.2
7.5
9.2
• r
≥ Rated breaking capactiy 5SP4 acc. to EN 60 898
.
10 000
i21_01.fm Seite 10 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com