Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5SY4-101-7 Datasheet(PDF) 49 Page - Siemens Semiconductor Group

Part # 5SY4-101-7
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 Datasheet(HTML) 49 Page - Siemens Semiconductor Group

Back Button 5SY4-101-7 Datasheet HTML 45Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 46Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 47Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 48Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 49Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 50Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 51Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 52Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 53Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
5SY4 miniature circuit-breakers
10 kA, AC model
2/49
Siemens I 2.1 · 2001
Industry Guard Product Range
Miniature Circuit-Breakers (MCBs)
10 000
3
V
s Selection and ordering data
In
MW
Order No.
Price
Weight
1 item
Pack.
unit
A
1 item
kg
Items
Characteristic D
3-pole
0.3
3
5SY4 314-8
0.456
4
0.5
5SY4 305-8
1
5SY4 301-8
1.6
5SY4 315-8
2
5SY4 302-8
3
5SY4 303-8
4
5SY4 304-8
6
5SY4 306-8
8
5SY4 308-8
10
5SY4 310-8
13
5SY4 313-8
16
5SY4 316-8
20
5SY4 320-8
25
5SY4 325-8
32
5SY4 332-8
40
5SY4 340-8
50
5SY4 350-8
63
5SY4 363-8
3-pole + N
0.3
4
5SY4 614-8
0.608
3
0.5
5SY4 605-8
1
5SY4 601-8
1.6
5SY4 615-8
2
5SY4 602-8
3
5SY4 603-8
4
5SY4 604-8
6
5SY4 606-8
8
5SY4 608-8
10
5SY4 610-8
13
5SY4 613-8
16
5SY4 616-8
20
5SY4 620-8
25
5SY4 625-8
32
5SY4 632-8
40
5SY4 640-8
50
5SY4 650-8
63
5SY4 663-8
4-pole
0.3
4
5SY4 414-8
0.608
3
0.5
5SY4 405-8
1
5SY4 401-8
1.6
5SY4 415-8
2
5SY4 402-8
3
5SY4 403-8
4
5SY4 404-8
6
5SY4 406-8
8
5SY4 408-8
10
5SY4 410-8
13
5SY4 413-8
16
5SY4 416-8
20
5SY4 420-8
25
5SY4 425-8
32
5SY4 432-8
40
5SY4 440-8
50
5SY4 450-8
63
5SY4 463-8
For additional components see pages 2/60 and 2/61.
For accessories see pages 2/55 and 2/60.
For dimension drawings and terminal connections see page 2/64.
2
1
4
3
6
5
1
2
3
4
5
6
N
N
1
2
3
4
5
6
7
8
i21_04.fm Seite 49 Mittwoch, 20. Juni 2001 10:14 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com