Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5SY4-101-7 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # 5SY4-101-7
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  5SY4-101-7 Datasheet HTML 1Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 2Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 3Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 4Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 5Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 6Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 7Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 8Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Description
2/4
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
s Areas of application
s Functional design,
mode of operation
s Features
MCBs of the
N System primarily
protect cables and conductors
against overload and short
circuit. Thus, they also protect
electrical equipment against
overheating according to
DIN VDE 0100 Part 430.
Under certain conditions, MCBs
also protect against shock
currents caused by excessive
touch voltage due to insulation
failure according to
DIN VDE 0100 Part 410.
Further, due to the fixed rated
current settings of MCBs, it is
also possible to protect motors
in a limited form.
For the respective application,
there are different tripping char-
acteristics available which will
be individually described in the
catalog I 2.1 in detail.
The standards EN 60 898,
DIN VDE 0641 Part 11 and
IEC 60 898 form the basis for
the design and approval of the
MCBs.
For applications in industry and
in system and plant engineering
where MCBs of the
N System
are used, additional compo-
nents are available, such as
auxiliary switches, fault signal
contacts, shunt trips, undervolt-
age releases, RCCB modules
as well as add-on accessories
such as busbar systems and
mounting parts.
MCBs of the
N System operate
using a delayed overload
current/time-dependent thermal
release (thermal bimetal) for low
overcurrents and an instanta-
neous electromagnetic release
for higher overload and short-
circuit currents.
The special contact materials
used assure a long service life
and offer a high level of protec-
tion against contact welding.
MCBs of the
N System signifi-
cantly limit the let-through
current when a fault occurs due
to the ultra-fast contact separa-
tion and the quick quenching of
the arc in the arc-chamber.
Thus, generally, they fall below
the permissible limiting I 2t val-
ues of energy limiting class 3,
specified in DIN VDE 0641
Part 11 by 50%. This guaran-
tees excellent selectivity with
the upstream overcurrent pro-
tective devices.
• High rated breaking capacity
up to 15,000 A according to
EN 60 898
• Excellent current limiting and
selectivity
• Tripping characteristics A, B,
C and D
• Terminals are safe from finger
touch and touch by the back
of the hand
• Combined terminal allows
busbar and feeder cable to be
simultaneously connected
• Uniform additional compo-
nents, quick mounting using
snap-on and snap-in mecha-
nism on site
• Handle locking device effec-
tively prevents unauthorized
operation of the handle
Features of 5SX
• Especially suitable for mount-
ing in flat distribution boards
for building installations
Features of 5SY. ... :
• Safe and rapid connection of
the feeder cable by moving
the busbar to the back
• Identical terminals on both
ends for optional infeed from
the top or the bottom
• Mounting and dismounting
without tools
• Rapid and comfortable remov-
al from the assembly
• Variable labeling system
• Separate switch position indi-
cation
Features of 5SP4 ... :
• Disconnector characteristics
acc. to DIN VDE 0660 Part 107
• Main switch characteristics
acc. to EN 60 204
• Variable labeling system
• Can be screwed on base
• Separate switch position indi-
cator
i21_01.fm Seite 4 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com