Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGFS30 Datasheet(PDF) 1 Page - COSEL CO., LTD.

Part # MGFS30
Description  DC-DC Converters PCB Mount Type
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGFS30 Datasheet(HTML) 1 Page - COSEL CO., LTD.

  MGFS30 Datasheet HTML 1Page - COSEL CO., LTD. MGFS30 Datasheet HTML 2Page - COSEL CO., LTD. MGFS30 Datasheet HTML 3Page - COSEL CO., LTD. MGFS30 Datasheet HTML 4Page - COSEL CO., LTD. MGFS30 Datasheet HTML 5Page - COSEL CO., LTD. MGFS30 Datasheet HTML 6Page - COSEL CO., LTD. MGFS30 Datasheet HTML 7Page - COSEL CO., LTD. MGFS30 Datasheet HTML 8Page - COSEL CO., LTD. MGFS30 Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MG-1
MG-series
Feature
Industry Standard SIP6 (MG1R5/MG3), SIP8 (MG6/MG10), 1"X1" (MG15/MG40), 1"X2" (MG30/MG80)
Wide input range DC4.5-13V/DC9-36V/DC18-76V (MGFS/MGFW)
Ultra wide input range DC6-60V (MGXS/MGXW)
High efficiency by synchronized rectification circuit (MGS10/MGFS10/MGS15/MGFS15/MGS30/MGFS30/MGFS40/MGFW40/MGFS80/MGFW80)
6 sided shield (MG15/MG30/MG40/MG80)
I/O isolation voltage DC1,500V (1 minute)
Built-in overcurrent protection circuits (recovers automatically)
Built-in overvoltage protection circuits (MG30/MG40/MG80)
Built-in remote ON/OFF (MG6/MG10/MG15/MG30/MG40/MG80)
Output voltage adjustability by external variable resistor (MGS15/MGFS15/MGS30/MGFS30/MGFS40/MGFS80)
High reliability : not built-in aluminum and tantalum electrolytic capacitor
CE marking
Low Voltage Directive
RoHS Directive
Safety agency approvals
UL60950-1, C-UL, EN62368-1 (MG1R5/MG3/MG6/MG10/MG15/MG30)
UL62368-1, C-UL, EN62368-1 (MG40/MG80)
10-year warranty
Refer to the instruction manual
DC-DC Converters PCB Mount Type
Low Profile Isolated
Safety
Approvals
OCP
OVP
Remote
ON/OFF
Wide 4 :1
input
Ultra wide
10:1 input
10:1
January 31, 2022


Similar Part No. - MGFS30

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
MGFS30 COSEL-MGFS30 Datasheet
1Mb / 16P
DC-DC Converters PCB Mount Type
MGFS302405 COSEL-MGFS302405 Datasheet
1Mb / 16P
DC-DC Converters PCB Mount Type
MGFS302405-G COSEL-MGFS302405-G Datasheet
1Mb / 16P
DC-DC Converters PCB Mount Type
MGFS302405-R COSEL-MGFS302405-R Datasheet
1Mb / 16P
DC-DC Converters PCB Mount Type
MGFS302412 COSEL-MGFS302412 Datasheet
1Mb / 16P
DC-DC Converters PCB Mount Type
More results

Similar Description - MGFS30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGS152405 ETC2-MGS152405 Datasheet
109Kb / 4P
DC-DC Converters PCB Mount type
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
DC-DC Converters PCB Mount type
SUCS102405C ETC2-SUCS102405C Datasheet
651Kb / 8P
DC-DC Converters PCB Mount type
SUS1R5 ETC2-SUS1R5 Datasheet
656Kb / 8P
DC-DC Converters PCB Mount type
SFS302415B ETC2-SFS302415B Datasheet
691Kb / 8P
DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
SUW1R50515 COSEL-SUW1R50515 Datasheet
240Kb / 11P
DC-DC Converters PCB Mount Type
June 26, 2020
SFS10 COSEL-SFS10 Datasheet
1Mb / 8P
DC-DC Converters PCB Mount Type
ZUW1R5 COSEL-ZUW1R5 Datasheet
469Kb / 12P
DC-DC Converters PCB Mount type
SFCS15 COSEL-SFCS15 Datasheet
601Kb / 4P
DC-DC Converters PCB Mount Type
ZUS62412 COSEL-ZUS62412 Datasheet
466Kb / 12P
DC-DC Converters PCB Mount type
June 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com