Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGFS30 Datasheet(PDF) 24 Page - COSEL CO., LTD.

Part # MGFS30
Description  DC-DC Converters PCB Mount Type
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGFS30 Datasheet(HTML) 24 Page - COSEL CO., LTD.

Back Button MGFS30 Datasheet HTML 20Page - COSEL CO., LTD. MGFS30 Datasheet HTML 21Page - COSEL CO., LTD. MGFS30 Datasheet HTML 22Page - COSEL CO., LTD. MGFS30 Datasheet HTML 23Page - COSEL CO., LTD. MGFS30 Datasheet HTML 24Page - COSEL CO., LTD. MGFS30 Datasheet HTML 25Page - COSEL CO., LTD. MGFS30 Datasheet HTML 26Page - COSEL CO., LTD. MGFS30 Datasheet HTML 27Page - COSEL CO., LTD. MGFS30 Datasheet HTML 28Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
MG-75
MGFW80
DC-DC Converters PCB Mount Type
MGF W
80
24
12
-O
Ordering information
1Series name
2Dual output
3Output wattage
4Input voltage
5Output voltage
6Optional
G: Capacitor between
Input and Output is removed.
R : with Remote ON/OFF
(Positive logic control)
R
1
2
3
4
5
6
MODEL
MGFW802412
MGFW802415
MGFW804812
MGFW804815
MAX OUTPUT WATTAGE[W]
81.6
81
81.6
81
DC OUTPUT
VOLTAGE[V]
*1
±12 or +24
±15 or +30
±12 or +24
±15 or +30
CURRENT[A]
3.4
2.7
3.4
2.7
SPECIFICATIONS
MODEL
MGFW802412
MGFW802415
MGFW804812
MGFW804815
INPUT
VOLTAGE[V]
DC9 - 36 (Surge Voltage 50V, 100ms max)
DC18 - 76 (Surge Voltage 100V, 100ms max)
CURRENT[A]
*2
3.62typ
3.59typ
1.81typ
1.80typ
EFFICIENCY[%]
*2
94typ
94typ
94typ
94typ
OUTPUT
VOLTAGE[V]
±12 or +24
±15 or +30
±12 or +24
±15 or +30
CURRENT[A]
3.4
2.7
3.4
2.7
LINE REGULATION[mV]
60max
75max
60max
75max
LOAD REGULATION[mV]
*3
600max
750max
600max
750max
*4
480max
600max
480max
600max
RIPPLE[mVp-p]
*5
-20 to +60C 100max
100max
100max
100max
-40 to -20C 120max
120max
120max
120max
Io=0 to 10% 240max
240max
240max
240max
RIPPLE NOISE[mVp-p]
*5
-20 to +60C 100max
100max
100max
100max
-40 to -20C 150max
150max
150max
150max
Io=0 to 10% 270max
270max
270max
270max
TEMPERATURE REGULATION[mV]
-20 to +60C 150max
180max
150max
180max
-40 to +60C 240max
290max
240max
290max
DRIFT[mV]
*6
50max
60max
50max
60max
START-UP TIME[ms]
30max (Minimum input, Rated load)
OUTPUT VOLTAGE SETTING[V]*7 11.765 - 12.492
14.602 - 15.505
11.765 - 12.492
14.602 - 15.505
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION Work over 115 to 140% of rating (Total of +Vo and -Vo)
REMOTE ON/OFF
Provided (Negative logic L:ON, H:OFF)
ISOLATION
INPUT-OUTPUT
DC1,500V 1minute, Cutoff current = 10mA, DC500V 1,000MW min (20±15C)
INPUT-CASE
DC1,000V 1minute, Cutoff current = 10mA, DC500V 1,000MW min (20±15C)
OUTPUT-CASE
DC1,000V 1minute, Cutoff current = 10mA, DC500V 1,000MW min (20±15C)
ENVIRONMENT
OPERATINGTEMP.,HUMID.AND ALTITUDE -40 to +85C, 20 to 95%RH (Non condensing) (Refer to “Derating”), 5,000m (16,400feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +100C, 20 to 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G), 11ms, once each along X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL62368-1, C-UL (CSA62368-1), EN62368-1
OTHERS
CASE SIZE/WEIGHT
25.4X9.9X50.8mm (WXHXD) / 50g max
COOLING METHOD
Convection/Forced air
*1
Single output +24V/+30V with no use of COM
*2
Rated input voltage(DC24V, DC48V) Io=100%
*3
Symmetrical loading from 0% to 100%
*4
Symmetrical loading from 20% to 100%
*5
Riple and Ripple Noise is measured by using test board with ceramic capacitor 22μF and
Recommended Capacitance at 50mm from output pins. (20MHz Oscilloscope)
*6
Drift is the DC output accuracy for eight hour period after a half-hour warm-up at 25C
*7
Rated input voltage (DC24V, DC48V), rated output wattage, ambient temperature at 25C
*
Parallel operation with other model is not possible.
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com