Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGFS30 Datasheet(PDF) 13 Page - COSEL CO., LTD.

Part # MGFS30
Description  DC-DC Converters PCB Mount Type
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGFS30 Datasheet(HTML) 13 Page - COSEL CO., LTD.

Back Button MGFS30 Datasheet HTML 9Page - COSEL CO., LTD. MGFS30 Datasheet HTML 10Page - COSEL CO., LTD. MGFS30 Datasheet HTML 11Page - COSEL CO., LTD. MGFS30 Datasheet HTML 12Page - COSEL CO., LTD. MGFS30 Datasheet HTML 13Page - COSEL CO., LTD. MGFS30 Datasheet HTML 14Page - COSEL CO., LTD. MGFS30 Datasheet HTML 15Page - COSEL CO., LTD. MGFS30 Datasheet HTML 16Page - COSEL CO., LTD. MGFS30 Datasheet HTML 17Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
MG-64
MGFW15
External view
(TOP VIEW)
Recommended Pad and Hole dia.
1±0.1
f
6-f1.5
Name Plate
¶ Tolerance ±0.5 [±0.02]
¶ Dimensions in mm, [ ]=inches
¶ Pin terminal material : Copper
¶ Plating treatment of terminal : Lead free plating
¶ Case material : Brass
¶ Plating treatment of case : Nickel plating
¶ Bottom Cover : FR4 (t=0.6) [t=0.024]
¶ Please keep enough creepage distance with the
pattern on PCB and other components.
¶ Weight 20g max
Unit : 0.1inch
Dimension : mm
[0.8]
[1.0]
+
Vin
-
Vin
RC
+Vout
-Vout
COM
25.4
20.32
Case
Bottom Cover
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com