Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGFS30 Datasheet(PDF) 12 Page - COSEL CO., LTD.

Part # MGFS30
Description  DC-DC Converters PCB Mount Type
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGFS30 Datasheet(HTML) 12 Page - COSEL CO., LTD.

Back Button MGFS30 Datasheet HTML 8Page - COSEL CO., LTD. MGFS30 Datasheet HTML 9Page - COSEL CO., LTD. MGFS30 Datasheet HTML 10Page - COSEL CO., LTD. MGFS30 Datasheet HTML 11Page - COSEL CO., LTD. MGFS30 Datasheet HTML 12Page - COSEL CO., LTD. MGFS30 Datasheet HTML 13Page - COSEL CO., LTD. MGFS30 Datasheet HTML 14Page - COSEL CO., LTD. MGFS30 Datasheet HTML 15Page - COSEL CO., LTD. MGFS30 Datasheet HTML 16Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MG-63
MGFW15
DC-DC Converters PCB Mount Type
MGF W
15
24
05
-O
Ordering information
1Series name
2Dual output
3Output wattage
4Input voltage
5Output voltage
6Optional
G: Capacitor between
Input and Output is removed.
R : with Remote ON/OFF
(Positive logic control)
R
1
2
3
4
5
6
MODEL
MGFW152405
MGFW152412
MGFW152415
MGFW154805
MGFW154812
MGFW154815
MAX OUTPUT WATTAGE[W]
15
15.6
15
15
15.6
15
DC OUTPUT
VOLTAGE[V]
*1
±5 or +10
±12 or +24
±15 or +30
±5 or +10
±12 or +24
±15 or +30
CURRENT[A]
1.5
0.65
0.5
1.5
0.65
0.5
SPECIFICATIONS
MODEL
MGFW152405
MGFW152412
MGFW152415
MGFW154805
MGFW154812
MGFW154815
INPUT
VOLTAGE[V]
DC9 - 36
DC18 - 76
CURRENT[A]
*2
0.74typ
0.74typ
0.70typ
0.37typ
0.37typ
0.36typ
EFFICIENCY[%]
*2
84typ
88typ
89typ
84typ
87typ
88typ
OUTPUT
VOLTAGE[V]
±5(+10)
±12(+24)
±15(+30)
±5(+10)
±12(+24)
±15(+30)
CURRENT[A]
1.5
0.65
0.5
1.5
0.65
0.5
LINE REGULATION[mV]
40max
60max
75max
40max
60max
75max
LOAD REGULATION[mV]
*3
500max *5
600max
750max
500max *5
600max
750max
*4
250max
480max
600max
250max
480max
600max
RIPPLE[mVp-p]
*6
-20 to +60C 100max
100max
100max
100max
100max
100max
-40 to -20C 120max
120max
120max
120max
120max
120max
RIPPLE NOISE[mVp-p]
*6
-20 to +60C 100max
100max
100max
100max
100max
100max
-40 to -20C 150max
150max
150max
150max
150max
150max
TEMPERATURE REGULATION[mV]
-20 to +60C 50max
150max
180max
50max
150max
180max
-40 to +60C 80max
240max
290max
80max
240max
290max
DRIFT[mV]
*7
50max
50max
60max
50max
50max
60max
START-UP TIME[ms]
30max (Minimum input, Io=100%)
OUTPUT VOLTAGE SETTING[V]*8 4.935 - 5.240
11.765 - 12.492
14.602 - 15.505
4.935 - 5.240
11.765 - 12.492
14.602 - 15.505
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
REMOTE ON/OFF
Provided (Negative logic L:ON, H:OFF)
ISOLATION
INPUT-OUTPUT
DC1,500V 1minute, Cutoff current = 10mA, DC500V 1,000MW min (20±15C)
INPUT-CASE
DC1,000V 1minute, Cutoff current = 10mA, DC500V 1,000MW min (20±15C)
OUTPUT-CASE
DC1,000V 1minute, Cutoff current = 10mA, DC500V 1,000MW min (20±15C)
ENVIRONMENT
OPERATINGTEMP.,HUMID.AND ALTITUDE -40 to +85C, 20 to 95%RH (Non condensing) (Refer to “Derating”), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +100C, 20 to 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G), 11ms, once each along X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, C-UL, EN62368-1
OTHERS
CASE SIZE/WEIGHT
25.4X9.9X25.4mm [1X0.39X1 inches] (WXHXD) / 20g max
COOLING METHOD
Convection/Forced air
*1
Single output +10V, +24V, +30V with no use of COM.
*2
Rated input 12V, 24V or 48V DC lo=100%
*3
Symmetrical loading from 5% to 100%.
*4
Symmetrical loading from 20% to 100%.
*5
Refer to the instruction manual 11.
*6
Ripple and Ripple Noise is measured by using test board with ceramic capacitor 22 F at
50mm from output pins. (20MHz Osilloscope)
*7
Drift is the DC output accuracy for eight hours period after a half-hour warm-up at 25C.
*8
Rated input voltage (DC24V, DC48V), rated output wattage, ambient temperature at 25C.
*
Parallel operation with other model is not possible.
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com