Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGFS30 Datasheet(PDF) 27 Page - COSEL CO., LTD.

Part # MGFS30
Description  DC-DC Converters PCB Mount Type
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGFS30 Datasheet(HTML) 27 Page - COSEL CO., LTD.

Back Button MGFS30 Datasheet HTML 20Page - COSEL CO., LTD. MGFS30 Datasheet HTML 21Page - COSEL CO., LTD. MGFS30 Datasheet HTML 22Page - COSEL CO., LTD. MGFS30 Datasheet HTML 23Page - COSEL CO., LTD. MGFS30 Datasheet HTML 24Page - COSEL CO., LTD. MGFS30 Datasheet HTML 25Page - COSEL CO., LTD. MGFS30 Datasheet HTML 26Page - COSEL CO., LTD. MGFS30 Datasheet HTML 27Page - COSEL CO., LTD. MGFS30 Datasheet HTML 28Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
9
100
13
0
0
4.5
Input Voltage [V]
18
12
100
80
70
36
0
0
9
36
24
76
18
Input Voltage [V]
Derating curve for input voltage
¿
MGFO4005O
Ambient temperature derating curve
¡
It is necessary to note thermal fatigue life by power cycle. Please reduce the temperature fluctuation range as much as possible when the
up and down of temperature are frequently generated.
¡
In case of forced air, ventilation must keep the temperature of point below the temperatures shown in Instruction Manual 7.
¿
MGFO4024O, MGFO4048O, MGFO8024O and MGFO8048O
¿
MG15/MGF15 (Rated Input Voltage)
¿
MG30/MGF30 (Rated Input Voltage)
(1) In the case of Convection Cooling
(1) In the case of Convection Cooling
(2) In the case of Forced Air Cooling (1.0m/s)
(Excluding MGW15O05/MGFW15O05)
(2) In the case of Forced Air Cooling (1.0m/s)
(Excluding MGW30O05 and MGFW30O12/15)
-40- 20
020406
(55) 080
100
0
50
100
(85)
Ambient temperature Ta [C]
1
2
Natural Convection
1
MGW15O05 / MGFW15O05
2
others
-40- 20
020406080
100
0
50
100
(85)
Ambient temperatureTa[C]
Forced air (1.0m/s)
-40- 20
020406080
100
0
50
100
(85)
1
2
Ambient temperature Ta [C]
Forced air
1
1.0m/s
2
2.5m/s
(3) In the case of Forced Air Cooling (1.0m/s, 2.5m/s)
(MGW15O05/MGFW15O05)
-40- 20
020406
(55) 080
100
0
50
100
(85)
Ambient temperature Ta [C]
1
3
2
Natural Convection
1
MGFS302412
MGFW302415 / 4815
2
MGFS302415 / 4812 / 4815
3
others
-40- 20
020406080
100
0
50
100
(85)
Ambient temperatureTa[C]
Forced air (1.0m/s)
(3) In the case of Forced Air Cooling (1.0m/s, 1.5m/s)
(MGW30O05 and MGFW30O12/15)
-40- 20
020406080
100
0
50
100
(85)
1
2
Ambient temperature Ta [C]
Forced air
1
1.0m/s
2
1.5m/s
MG-78
Derating
MG15,MG30,MG40,MG80-series
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com