Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEO3910 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LEO3910
Description  Rad-hard plastic 2 A positive low drop voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEO3910 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LEO3910 Datasheet HTML 4Page - STMicroelectronics LEO3910 Datasheet HTML 5Page - STMicroelectronics LEO3910 Datasheet HTML 6Page - STMicroelectronics LEO3910 Datasheet HTML 7Page - STMicroelectronics LEO3910 Datasheet HTML 8Page - STMicroelectronics LEO3910 Datasheet HTML 9Page - STMicroelectronics LEO3910 Datasheet HTML 10Page - STMicroelectronics LEO3910 Datasheet HTML 11Page - STMicroelectronics LEO3910 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
7
Application information
To adjust the output voltage, the R2 resistor must be connected between the VO and ADJ pins. The R1 resistor
must be connected between ADJ and ground. Resistor values can be derived from the following formula:
VO = VADJ (R1+ R2) / R1
The VADJ is typically 1.23 V, controlled by the internal temperature-compensated band gap block.
The minimum input voltage is 3 V. The LEO3910 is designed to operate for VI - VO > of the minimum specified
dropout. The value of R1, the resistance between ADJ pin and GND, must not be greater than 10 kΩ, in order
to keep the output feedback error below 0.2%. A minimum of 0.5 mA IO must be set to ensure perfect no-load
regulation. It is advisable to dissipate this current into the divider bridge resistor.
The inhibit function switches off the output current very quickly. According to Lenz’s law, the external circuitry
reacts with LdI/dt terms which can be of high amplitude in case somewhere a serial coil inductance exists. Large
transient voltage would develop on both device terminals. It is advisable to protect the device with Schottky
diodes to prevent negative voltage excursions. In the worst case, a 14 V Zener diode could protect the device
input.
All available VO pins should always be externally interconnected, otherwise the stability and reliability of the
device cannot be guaranteed.
To ensure regulator stability, input and output capacitors with a minimum 10 μF are mandatory. These capacitors
must be connected as close as possible to the device terminals.
In the case of high-current operation, an important factor to look at for the reliability target of the space application
is the sustainable surge current of the capacitors used. The surge current is known to be one of the major failure
mechanisms for these parts, especially when the equipment is turned ON. Tantalum capacitors manufactured per
military specifications (MIL-PRF-55365) are established reliability parts targeted for less than 0.001% of failures
per 1000 hours (failure rate< 10 FIT).
Derating is a means for application engineers of space systems to further reduce the probability of failures by
limiting the level of stresses to capacitors during application. Typical derating requirements for solid tantalum
capacitors limit the maximum applied voltage to 50% of the rated voltage (VR) and the inrush currents are
bounded by additional resistors used in series with the capacitors.
In addition, a ceramic capacitor of at least 100nF in parallel to the input and output bulk capacitors must be used
for decoupling purposes. A 470 nF polyester capacitors, put close to the regulator between input and ground,
helps further improving the LEO3910 reliability by filtering potentially dangerous over voltages spikes coming out
during particular conditions.
A separate kelvin voltage sensing line provides the ADJ pin with exact load "high potential" information (see
Figure 4. Application diagram for remote sensing operation). But variable remote load current consumption
induces variable Iq current (Iq is roughly the IO current divided by the hFE of the internal PNP series power
element) routed through the parasitic series line resistor RW2. To compensate for this parasitic voltage, resistor
RW1 can be introduced to provide the necessary compensating voltage signal to the ADJ pin. A ceramic or
polyester 47nF CBYP capacitor between ADJ and VO pins is recommended when the remote sensing technique
is implemented.
Since the LEO3910 adjustable voltage regulator is manufactured with very high speed bipolar technology (6 GHz
fT transistors), the PCB layout must be designed with exceptional care, with very low inductance and low mutually
coupling lines. Otherwise, high frequency parasitic signals may be picked up by the device resulting in system
self-oscillation. The benefit is an SVR performance extended to far higher frequencies.
LEO3910
Application information
DS13691 - Rev 2
page 8/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com