Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEO3910 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LEO3910
Description  Rad-hard plastic 2 A positive low drop voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEO3910 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LEO3910 Datasheet HTML 8Page - STMicroelectronics LEO3910 Datasheet HTML 9Page - STMicroelectronics LEO3910 Datasheet HTML 10Page - STMicroelectronics LEO3910 Datasheet HTML 11Page - STMicroelectronics LEO3910 Datasheet HTML 12Page - STMicroelectronics LEO3910 Datasheet HTML 13Page - STMicroelectronics LEO3910 Datasheet HTML 14Page - STMicroelectronics LEO3910 Datasheet HTML 15Page - STMicroelectronics LEO3910 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
8
Radiations
Total ionizing dose (TID):
The LEO3910 is tested and characterized according to condition A of MIL-STD-883.
All parameters provided in Table 4. Electrical characteristics apply to both pre- and post-irradiation, as follows:
•
Total ionizing dose (TID) are performed in accordance with MIL-STD-883
•
The initial characterization is performed in qualification only on both biased and unbiased parts
•
Each new production lot is tested at high dose rate, in the worst bias case condition, based on the results
obtained during the initial qualification.
Heavy-ions:
The behavior of the product when submitted to heavy-ions is not tested in production. Heavy-ion trials are
performed on qualification lots only.
Table 5. Radiations
Symbol
Characteristics
Value
TID (1)
•
High-dose rate (40 krad (Si)/h)
–
Temperature 25 °C
–
Performed on 5 biased parts
•
Low-dose rate (10 mrad (Si)/s)
Within Table 4. Electrical characteristics up to 50
krad(Si)
SEL(2)
•
Let: 62.5 MeV.cm2mg (Xenon ions)
•
Temperature 125 °C
•
Fluence of 1 x 107 n/cm² (10 million of particles per cm²)
•
Normal incidence
Immune to SEL up to 62.5 MeV.cm²/mg
SET
•
Temperature 25 °C
Characterized
TNID
•
(with 50 MeV protons)
Up to 3x1011 protons/cm²
1. A total ionizing dose (TID) of 50 krad(Si) is equivalent to 500 Gy(Si), (1 gray = 100 rad).
2. SEL: single event latchup.
LEO3910
Radiations
DS13691 - Rev 2
page 12/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com