Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEO3910 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LEO3910
Description  Rad-hard plastic 2 A positive low drop voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEO3910 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LEO3910 Datasheet HTML 10Page - STMicroelectronics LEO3910 Datasheet HTML 11Page - STMicroelectronics LEO3910 Datasheet HTML 12Page - STMicroelectronics LEO3910 Datasheet HTML 13Page - STMicroelectronics LEO3910 Datasheet HTML 14Page - STMicroelectronics LEO3910 Datasheet HTML 15Page - STMicroelectronics LEO3910 Datasheet HTML 16Page - STMicroelectronics LEO3910 Datasheet HTML 17Page - STMicroelectronics LEO3910 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
POWER-SO 20 package information
Figure 22. POWER-SO 20 package outline
Bottom view
Top view
LEO3910
Package information
DS13691 - Rev 2
page 14/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com