Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEO3910 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LEO3910
Description  Rad-hard plastic 2 A positive low drop voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEO3910 Datasheet(HTML) 3 Page - STMicroelectronics

  LEO3910 Datasheet HTML 1Page - STMicroelectronics LEO3910 Datasheet HTML 2Page - STMicroelectronics LEO3910 Datasheet HTML 3Page - STMicroelectronics LEO3910 Datasheet HTML 4Page - STMicroelectronics LEO3910 Datasheet HTML 5Page - STMicroelectronics LEO3910 Datasheet HTML 6Page - STMicroelectronics LEO3910 Datasheet HTML 7Page - STMicroelectronics LEO3910 Datasheet HTML 8Page - STMicroelectronics LEO3910 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
2
Pin configuration
Figure 2. Pin configuration
10
8
9
7
6
5
4
3
2
13
14
15
16
17
19
18
12
1
11
EP
20
Table 1. Pin connection table
Pin
Pin name
Description
16
GND
Ground
2, 3, 8, 9, 13, 14, 15, 18
NC
Not connected
4, 6
VO
Output voltage
5
VI
Input voltage
7
ISC
Current limit setting
12
OCM
Over current monitoring
17
INH
Inhibit
19
ADJ
Adjustable pin
EP (1, 10, 11, 20)
EP
Exposed pad, to be connected to GND.
1, 10, 11, 20 internally connected to EP
LEO3910
Pin configuration
DS13691 - Rev 2
page 3/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com