Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEO3910 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LEO3910
Description  Rad-hard plastic 2 A positive low drop voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEO3910 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LEO3910 Datasheet HTML 12Page - STMicroelectronics LEO3910 Datasheet HTML 13Page - STMicroelectronics LEO3910 Datasheet HTML 14Page - STMicroelectronics LEO3910 Datasheet HTML 15Page - STMicroelectronics LEO3910 Datasheet HTML 16Page - STMicroelectronics LEO3910 Datasheet HTML 17Page - STMicroelectronics LEO3910 Datasheet HTML 18Page - STMicroelectronics LEO3910 Datasheet HTML 19Page - STMicroelectronics LEO3910 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Table 6. POWER-SO 20 mechanical data
Symbol
Milimeters
Min.
Typ.
Max.
θ
0 ̊
-
8 ̊
θ1
5 ̊
-
10 ̊
θ2
0 ̊
-
-
A
-
-
3.50
A1
0.20
-
0.275
A2
3.10
-
3.20
A3
0.00
-
0.075
A4
0.83
-
0.95
b
0.40
-
0.53
b1
0.40
0.45
0.50
c
0.23
-
0.32
D
15.90 BSC
D1
Variation
D2
-
-
1.10
D3
-
5.00
-
e
1.27 BSC
E
14.20 BSC
E1
11.00 BSC
E2
Variation
E3
-
-
2.85
h
-
-
1.10
L
0.85
-
1.05
L1
1.60 REF
L2
0.35 BSC
N
20
R
0.20
-
-
R1
0.20
-
-
S
0.25
-
-
Table 7. Tolerance of form and position
Symbol
Drawing
aaa
0.10
bbb
0.30
ccc
0.10
ddd
0.25
eee
0.10
ggg
0.25
Note
1.2
LEO3910
POWER-SO 20 package information
DS13691 - Rev 2
page 16/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com