Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPRDC01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPRDC01
Description  Synchronous rectifier smart driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPRDC01 Datasheet(HTML) 1 Page - STMicroelectronics

  STPRDC01 Datasheet HTML 1Page - STMicroelectronics STPRDC01 Datasheet HTML 2Page - STMicroelectronics STPRDC01 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DFN12 3x3 mm
Features
•
Dual low-side driver for N-Channel MOSFETs
•
4 A sink/source current
•
Operating frequency up to 1 MHz
•
Predictive ZCS / ZVS control
•
High-impedance control
•
START input
•
DFN12, 3x3 mm package
Application
•
High current high performance Step-Down conversion
Description
The STPRDC01 smart driver implements a control scheme specific to secondary-
side synchronous rectification in STVCOT™-based resonant / non-resonant
converters.
It provides two high current gate drive outputs, each capable of driving one or more
N-channel Low-Side Power MOSFETs. Both gate driver are controlled by the
combination of START input and the embedded predictive ZCD/ZVS control assuring
the two external power MOSFETs to be switched in zero-voltage / zero-current
conditions to achieve high efficiency power conversion.
High-Impedance mode can be configured with the two external Power MOSFETs
immediately kept OFF.
The STPRDC01 is available in DFN12, 3x3 mm package with exposed pad.
Product status
STPRDC01
Product summary
Order code
STPRDC01TR
Package
DFN12
Packing
Tape & Reel
Synchronous rectifier smart driver
STPRDC01
Data brief
DB3541 - Rev 1 - March 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPRDC01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPRDC02 STMICROELECTRONICS-STPRDC02 Datasheet
92Kb / 3P
High performance high voltage full-bridge driver
02-Mar-2018
STPRDC02A STMICROELECTRONICS-STPRDC02A Datasheet
82Kb / 3P
High-voltage full-bridge driver with high impedance management and ZVD output
11-Feb-2022
More results

Similar Description - STPRDC01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR2 STMICROELECTRONICS-STSR2 Datasheet
287Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Jun-2003
STSR3 STMICROELECTRONICS-STSR3 Datasheet
269Kb / 12P
SYNCHRONOUS RECTIFIERS SMART DRIVER FOR FLYBACK
Jun-2003
STSR30 STMICROELECTRONICS-STSR30 Datasheet
197Kb / 10P
SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
Jan-2004
STSR2P STMICROELECTRONICS-STSR2P Datasheet
291Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Sep-2003
logo
Texas Instruments
CSD43301Q5M TI-CSD43301Q5M Datasheet
1Mb / 15P
NexFET Smart Synchronous Rectifier
logo
STMicroelectronics
SRK2000DTR STMICROELECTRONICS-SRK2000DTR Datasheet
266Kb / 17P
Synchronous rectifier smart driver for LLC resonant converters
08-Feb-2012
logo
Texas Instruments
CSD43301Q5M TI-CSD43301Q5M_15 Datasheet
996Kb / 16P
NexFET??Smart Synchronous Rectifier
logo
STMicroelectronics
SRK2000A STMICROELECTRONICS-SRK2000A Datasheet
412Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
SRK2000 STMICROELECTRONICS-SRK2000 Datasheet
386Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
STRG02 STMICROELECTRONICS-STRG02 Datasheet
185Kb / 3P
Synchronous rectifier smart driver
03-Mar-2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com