Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 43 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 43 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 39Page - Texas Instruments AM6546ACD Datasheet HTML 40Page - Texas Instruments AM6546ACD Datasheet HTML 41Page - Texas Instruments AM6546ACD Datasheet HTML 42Page - Texas Instruments AM6546ACD Datasheet HTML 43Page - Texas Instruments AM6546ACD Datasheet HTML 44Page - Texas Instruments AM6546ACD Datasheet HTML 45Page - Texas Instruments AM6546ACD Datasheet HTML 46Page - Texas Instruments AM6546ACD Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
AH19
PRG1_PRU1_GPO14
PRG1_PRU1_GPO14
0
IO
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG1_PRU1_GPI14
1
I
0
PRG1_RGMII2_TD2
2
O
PRG1_PWM1_A1
3
IO
0
PRG1_PRU1_GPO13
5
IO
0
GPIO0_90
7
IO
0
AG19
PRG1_PRU1_GPO15
PRG1_PRU1_GPO15
0
IO
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG1_PRU1_GPI15
1
I
0
PRG1_RGMII2_TD3
2
O
PRG1_PWM1_B1
3
IO
1
PRG1_PRU1_GPO14
5
IO
0
GPIO0_91
7
IO
0
AE19
PRG1_PRU1_GPO16
PRG1_PRU1_GPO16
0
IO
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG1_PRU1_GPI16
1
I
0
PRG1_RGMII2_TXC
2
IO
0
PRG1_PWM1_A2
3
IO
0
GPIO0_92
7
IO
0
AE23
PRG1_PRU1_GPO17
PRG1_PRU1_GPO17
0
IO
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG1_PRU1_GPI17
1
I
0
PRG1_IEP1_EDC_SYNC_OUT1
2
O
PRG1_PWM1_B2
3
IO
1
SPI2_CLK
4
IO
0
PRG1_ECAP0_SYNC_OUT
5
O
UART1_RXD
6
I
1
GPIO0_93
7
IO
0
AD22
PRG1_PRU1_GPO18
PRG1_PRU1_GPO18
0
IO
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG1_PRU1_GPI18
1
I
0
PRG1_IEP1_EDC_LATCH_IN0
2
I
0
PRG1_PWM1_TZ_IN
3
I
0
SPI2_D0
4
IO
0
PRG1_ECAP0_SYNC_IN
5
I
0
UART1_CTSn
6
I
1
GPIO0_94
7
IO
0
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com