Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 84 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 84 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 80Page - Texas Instruments AM6546ACD Datasheet HTML 81Page - Texas Instruments AM6546ACD Datasheet HTML 82Page - Texas Instruments AM6546ACD Datasheet HTML 83Page - Texas Instruments AM6546ACD Datasheet HTML 84Page - Texas Instruments AM6546ACD Datasheet HTML 85Page - Texas Instruments AM6546ACD Datasheet HTML 86Page - Texas Instruments AM6546ACD Datasheet HTML 87Page - Texas Instruments AM6546ACD Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 284 page
background image
Table 6-44. MCSPI0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_SPI0_CS3
SPI Chip Select 3
IO
AC3
MCU_SPI0_D0
SPI Data 0
IO
Y3
MCU_SPI0_D1
SPI Data 1
IO
Y2
Table 6-45. MCSPI1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_SPI1_CLK
SPI Clock
IO
AF4
MCU_SPI1_CS0
SPI Chip Select 0
IO
AD1
MCU_SPI1_CS1
SPI Chip Select 1
IO
P4
MCU_SPI1_CS2
SPI Chip Select 2
IO
P5
MCU_SPI1_CS3
SPI Chip Select 3
IO
AD3
MCU_SPI1_D0
SPI Data 0
IO
AF3
MCU_SPI1_D1
SPI Data 1
IO
AE3
6.3.17 MMCSD
6.3.17.1 MAIN Domain
Table 6-46. MMCSD0 Signal Descriptions
SIGNAL NAME[1]
DESCRIPTION[2]
PIN TYPE
[3]
BALL [4]
MMC0_CLK(1) (2)
MMC/SD Clock
O
B25
MMC0_CMD(1) (2)
MMC/SD Command
IO
B27
MMC0_DS
MMC Data Strobe
I
C25
MMC0_SDCD
SD Card Detect (active low)
I
A23
MMC0_SDWP
SD Write Protect
I
B23
MMC0_DAT0(1) (2)
MMC/SD Data
IO
A26
MMC0_DAT1(1) (2)
MMC/SD Data
IO
E25
MMC0_DAT2
(1) (2)
MMC/SD Data
IO
C26
MMC0_DAT3(1) (2)
MMC/SD Data
IO
A25
MMC0_DAT4(1) (2)
MMC/SD Data
IO
E24
MMC0_DAT5(1) (2)
MMC/SD Data
IO
A24
MMC0_DAT6(1) (2)
MMC/SD Data
IO
B26
MMC0_DAT7(1) (2)
MMC/SD Data
IO
D25
(1)
When MMCSD0 or MMCSD1 is used, any non-MMC signal function multiplexed with the respective pins are not available. This is
due to the MMC having an internal IO multiplexer which is controlled by MMCSD0/1_SS_PHY_CTRL_1_REG[31] IOMUX_ENABLE.
This internal IO multiplexer is primary for the signal functions associated with MMCSD pins, and the PADCONFIG’s MUXMODE is
secondary. Additionally, the internal IO multiplexer affects all of the MMCSD0 or MMCSD1 pins, regardless of configured data bus
width. Therefore, when MMCSD0/1_SS_PHY_CTRL_1_REG[31] IOMUX_ENABLE = 0, the respective MMCSD pins are configured for
eMMC/SD functionality, regardless of the PADCONFIG [MUXMODE] setting.
(2)
Each of these signals should have an external 50kΩ pull-up resistor connected to the corresponding power supply.
Table 6-47. MMCSD1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MMC1_CLK(1) (2)
MMC/SD Clock
O
C27
MMC1_CMD(1) (2)
MMC/SD Command
IO
C28
MMC1_SDCD
SD Card Detect (active low)
I
B24
MMC1_SDWP
SD Write Protect
I
C24
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
84
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com