Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 77 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 77 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 73Page - Texas Instruments AM6546ACD Datasheet HTML 74Page - Texas Instruments AM6546ACD Datasheet HTML 75Page - Texas Instruments AM6546ACD Datasheet HTML 76Page - Texas Instruments AM6546ACD Datasheet HTML 77Page - Texas Instruments AM6546ACD Datasheet HTML 78Page - Texas Instruments AM6546ACD Datasheet HTML 79Page - Texas Instruments AM6546ACD Datasheet HTML 80Page - Texas Instruments AM6546ACD Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 284 page
background image
Table 6-26. GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
WKUP_GPIO0_43
General Purpose Input/Output
IO
L5
WKUP_GPIO0_44
General Purpose Input/Output
IO
M6
WKUP_GPIO0_45
General Purpose Input/Output
IO
L6
WKUP_GPIO0_46
General Purpose Input/Output
IO
L4
WKUP_GPIO0_47
General Purpose Input/Output
IO
L1
WKUP_GPIO0_48
General Purpose Input/Output
IO
Y1
WKUP_GPIO0_49
General Purpose Input/Output
IO
Y3
WKUP_GPIO0_50
General Purpose Input/Output
IO
Y2
WKUP_GPIO0_51
General Purpose Input/Output
IO
Y4
WKUP_GPIO0_52
General Purpose Input/Output
IO
AB1
WKUP_GPIO0_53
General Purpose Input/Output
IO
AB5
WKUP_GPIO0_54
General Purpose Input/Output
IO
W1
WKUP_GPIO0_55
General Purpose Input/Output
IO
W2
6.3.11 GPMC
6.3.11.1 MAIN Domain
Table 6-27. GPMC0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
GPMC0_ADVn_ALE
GPMC Address Valid (active low) or Address Latch
Enable
O
P25
GPMC0_CLK
GPMC Clock Output
O
R28
GPMC0_DIR
GPMC Data Bus Signal Direction Control
O
T24
GPMC0_OEn_REn
GPMC Output Enable (active low) or Read Enable
(active low)
O
P26
GPMC0_WEn
GPMC Write Enable (active low)
O
U28
GPMC0_WPn
GPMC Flash Write Protect (active low)
O
T25
GPMC0_A0
GPMC Address 0 Output. Only used to effectively
address 8-bit data non-multiplexed memories
OZ
AE14
GPMC0_A1
GPMC address 1 Output in A/D non-multiplexed mode
and Address 17 in A/D multiplexed mode
OZ
AD14
GPMC0_A2
GPMC address 2 Output in A/D non-multiplexed mode
and Address 18 in A/D multiplexed mode
OZ
AC15
GPMC0_A3
GPMC address 3 Output in A/D non-multiplexed mode
and Address 19 in A/D multiplexed mode
OZ
AF14
GPMC0_A4
GPMC address 4 Output in A/D non-multiplexed mode
and Address 20 in A/D multiplexed mode
OZ
AD15
GPMC0_A5
GPMC address 5 Output in A/D non-multiplexed mode
and Address 21 in A/D multiplexed mode
OZ
AE15
GPMC0_A6
GPMC address 6 Output in A/D non-multiplexed mode
and Address 22 in A/D multiplexed mode
OZ
AC17
GPMC0_A7
GPMC address 7 Output in A/D non-multiplexed mode
and Address 23 in A/D multiplexed mode
OZ
AG15
GPMC0_A8
GPMC address 8 Output in A/D non-multiplexed mode
and Address 24 in A/D multiplexed mode
OZ
AG14
GPMC0_A9
GPMC address 9 Output in A/D non-multiplexed mode
and Address 25 in A/D multiplexed mode
OZ
AH14
GPMC0_A10
GPMC address 10 Output in A/D non-multiplexed mode
and Address 26 in A/D multiplexed mode
OZ
AD17
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com