Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 24 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 24 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 20Page - Texas Instruments AM6546ACD Datasheet HTML 21Page - Texas Instruments AM6546ACD Datasheet HTML 22Page - Texas Instruments AM6546ACD Datasheet HTML 23Page - Texas Instruments AM6546ACD Datasheet HTML 24Page - Texas Instruments AM6546ACD Datasheet HTML 25Page - Texas Instruments AM6546ACD Datasheet HTML 26Page - Texas Instruments AM6546ACD Datasheet HTML 27Page - Texas Instruments AM6546ACD Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
W2
MCU_MCAN0_RX
MCU_MCAN0_RX
0
I
OFF
7
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
WKUP_GPIO0_55
7
IO
0
W1
MCU_MCAN0_TX
MCU_MCAN0_TX
0
O
OFF
7
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
WKUP_GPIO0_54
7
IO
0
L1
MCU_MDIO0_MDC
MCU_MDIO0_MDC
0
O
OFF
7
1.8 V/3.3 V VDDSHV2_WK
UP
Yes
LVCMOS
PU/PD
0/1
Yes
WKUP_GPIO0_47
7
IO
0
L4
MCU_MDIO0_MDIO
MCU_MDIO0_MDIO
0
IO
OFF
7
1.8 V/3.3 V VDDSHV2_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
WKUP_GPIO0_46
7
IO
0
V1
MCU_OSPI0_CLK
MCU_OSPI0_CLK
0
O
OFF
7
1.8 V/3.3 V VDDSHV1_WK
UP
Yes
LVCMOS
PU/PD
0/1
Yes
MCU_HYPERBUS0_CK
1
O
WKUP_GPIO0_12
7
IO
0
U2
MCU_OSPI0_DQS
MCU_OSPI0_DQS
0
I
OFF
7
1.8 V/3.3 V VDDSHV1_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
MCU_HYPERBUS0_RWDS
1
IO
0
WKUP_GPIO0_14
7
IO
0
U1
MCU_OSPI0_LBCLKO
MCU_OSPI0_LBCLKO
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1_WK
UP
Yes
LVCMOS
PU/PD
0/1
Yes
MCU_HYPERBUS0_CKn
1
O
WKUP_GPIO0_13
7
IO
0
T1
MCU_OSPI1_CLK
MCU_OSPI1_CLK
0
O
OFF
7
1.8 V/3.3 V VDDSHV1_WK
UP
Yes
LVCMOS
PU/PD
0/1
Yes
WKUP_GPIO0_25
7
IO
0
P2
MCU_OSPI1_DQS
MCU_OSPI1_DQS
0
I
OFF
7
1.8 V/3.3 V VDDSHV1_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
MCU_OSPI0_CSn3
1
O
MCU_HYPERBUS0_INTn
2
I
1
WKUP_GPIO0_27
7
IO
0
R1
MCU_OSPI1_LBCLKO
MCU_OSPI1_LBCLKO
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
MCU_OSPI0_CSn2
1
O
MCU_HYPERBUS0_RESETOn
2
I
1
WKUP_GPIO0_26
7
IO
0
R4
MCU_OSPI0_CSn0
MCU_OSPI0_CSn0
0
O
OFF
7
1.8 V/3.3 V VDDSHV1_WK
UP
Yes
LVCMOS
PU/PD
0/1
Yes
MCU_HYPERBUS0_CSn0
1
O
WKUP_GPIO0_23
7
IO
0
R5
MCU_OSPI0_CSn1
MCU_OSPI0_CSn1
0
O
OFF
7
1.8 V/3.3 V VDDSHV1_WK
UP
Yes
LVCMOS
PU/PD
0/1
Yes
MCU_HYPERBUS0_RESETn
1
O
WKUP_GPIO0_24
7
IO
0
U4
MCU_OSPI0_D0
MCU_OSPI0_D0
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
MCU_HYPERBUS0_DQ0
1
IO
0
WKUP_GPIO0_15
7
IO
0
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com