Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 50 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 50 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 46Page - Texas Instruments AM6546ACD Datasheet HTML 47Page - Texas Instruments AM6546ACD Datasheet HTML 48Page - Texas Instruments AM6546ACD Datasheet HTML 49Page - Texas Instruments AM6546ACD Datasheet HTML 50Page - Texas Instruments AM6546ACD Datasheet HTML 51Page - Texas Instruments AM6546ACD Datasheet HTML 52Page - Texas Instruments AM6546ACD Datasheet HTML 53Page - Texas Instruments AM6546ACD Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
AD14
PRG2_PRU1_GPO11
PRG2_PRU1_GPO11
0
IO
OFF
7
1.8 V/3.3 V VDDSHV5
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG2_PRU1_GPI11
1
I
0
PRG2_RGMII2_TD3
2
O
GPMC0_A1
3
OZ
TRC_DATA22
4
O
PRG2_ECAP0_SYNC_IN
6
I
0
GPIO0_54
7
IO
0
AE14
PRG2_PRU1_GPO16
PRG2_PRU1_GPO16
0
IO
OFF
7
1.8 V/3.3 V VDDSHV5
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG2_PRU1_GPI16
1
I
0
PRG2_RGMII2_TXC
2
IO
0
GPMC0_A0
3
OZ
TRC_DATA23
4
O
PRG2_PWM1_TZ_OUT
6
O
GPIO0_55
7
IO
0
AF9
REFCLK0N
REFCLK0N
O
OFF
1.8 V
VDDA_1P8_S
ERDES0
LJCB CLK
No
AF10
REFCLK0P
REFCLK0P
O
OFF
1.8 V
VDDA_1P8_S
ERDES0
LJCB CLK
No
AE8
REFCLK1N
REFCLK1N
O
OFF
1.8 V
VDDA_1P8_S
ERDES0
LJCB CLK
No
AE9
REFCLK1P
REFCLK1P
O
OFF
1.8 V
VDDA_1P8_S
ERDES0
LJCB CLK
No
D19
RESETSTATz
RESETSTATz
0
O
OFF
0
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0/0
Yes
F17
RESETz
RESETz
0
I
PU
0
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
1/1
Yes
AG5
SERDES0_REFCLKN
SERDES0_REFCLKN
I
OFF
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES0
No
AG6
SERDES0_REFCLKP
SERDES0_REFCLKP
I
OFF
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES0
No
AC9
SERDES0_REFRES
SERDES0_REFRES
A
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES0
No
AH3
SERDES0_RXN
SERDES0_RXN
I
OFF
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES0
No
AG2
SERDES0_RXP
SERDES0_RXP
I
OFF
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES0
No
AH4
SERDES0_TXN
SERDES0_TXN
O
OFF
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES0
No
AG3
SERDES0_TXP
SERDES0_TXP
O
OFF
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES0
No
AH6
SERDES1_REFCLKN
SERDES1_REFCLKN
I
OFF
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES1
No
AH7
SERDES1_REFCLKP
SERDES1_REFCLKP
I
OFF
0
1.8 V
VDDA_1P8_S
ERDES0
SERDES1
No
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
50
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com