Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 109 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 109 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 105Page - Texas Instruments AM6546ACD Datasheet HTML 106Page - Texas Instruments AM6546ACD Datasheet HTML 107Page - Texas Instruments AM6546ACD Datasheet HTML 108Page - Texas Instruments AM6546ACD Datasheet HTML 109Page - Texas Instruments AM6546ACD Datasheet HTML 110Page - Texas Instruments AM6546ACD Datasheet HTML 111Page - Texas Instruments AM6546ACD Datasheet HTML 112Page - Texas Instruments AM6546ACD Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 284 page
background image
6.4 Pin Multiplexing
Table 6-76 describes the device pin multiplexing associated with pins.
Note
Many device pins support multiple signal functions. Some signal functions are selected via a single layer of multiplexers associated with pins.
Other signal functions are selected via two or more layers of multiplexers, where one layer is associated with the pins and other layers are
associated with peripheral logic functions.
Table 6-76, Pin Multiplexing only describes signal multiplexing at the pins. For more information, related to signal multiplexing at the pins,
see section Pad Configuration Registers in the device TRM. Refer to the respective peripheral chapter in the device TRM for information
associated with peripheral signal multiplexing.
Note
When a pad is set into a pin multiplexing mode which is not defined, that pad’s behavior is undefined. This should be avoided.
Note
Table 6-76, Pin Multiplexing does not include SerDes signal functions. For more information, see section Serializer/Deserializer (SerDes) in the
device TRM.
Note
The PRU_ICSSG contains a second layer of multiplexing to enable additional functionality on the PRU GPO and GPI signals. This internal
wrapper multiplexing is described in the PRU_ICSSG chapter in the device TRM.
For more information on the I/O cell configurations, see section Pad Configuration Registers in the device TRM.
Table 6-76. Pin Multiplexing
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE[7:0] SETTINGS
0
1
2
3
4
5
6
7
Bootstrap
0x0011C000 CTRLMMR_PADCONFIG0
M27
GPMC0_AD0
VOUT1_DATA0
VIN0_DATA12
GPIO0_0
BOOTMODE00
0x0011C004 CTRLMMR_PADCONFIG1
M23
GPMC0_AD1
VOUT1_DATA1
VIN0_DATA13
GPIO0_1
BOOTMODE01
0x0011C008 CTRLMMR_PADCONFIG2
M28
GPMC0_AD2
VOUT1_DATA2
VIN0_DATA14
GPIO0_2
BOOTMODE02
0x0011C00C CTRLMMR_PADCONFIG3
M24
GPMC0_AD3
VOUT1_DATA3
VIN0_DATA15
GPIO0_3
BOOTMODE03
0x0011C010 CTRLMMR_PADCONFIG4
N24
GPMC0_AD4
VOUT1_DATA4
GPIO0_4
BOOTMODE04
0x0011C014 CTRLMMR_PADCONFIG5
N27
GPMC0_AD5
VOUT1_DATA5
GPIO0_5
BOOTMODE05
0x0011C018 CTRLMMR_PADCONFIG6
N28
GPMC0_AD6
VOUT1_DATA6
GPIO0_6
BOOTMODE06
0x0011C01C CTRLMMR_PADCONFIG7
M25
GPMC0_AD7
VOUT1_DATA7
GPIO0_7
BOOTMODE07
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
109
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com