Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 129 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 129 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 125Page - Texas Instruments AM6546ACD Datasheet HTML 126Page - Texas Instruments AM6546ACD Datasheet HTML 127Page - Texas Instruments AM6546ACD Datasheet HTML 128Page - Texas Instruments AM6546ACD Datasheet HTML 129Page - Texas Instruments AM6546ACD Datasheet HTML 130Page - Texas Instruments AM6546ACD Datasheet HTML 131Page - Texas Instruments AM6546ACD Datasheet HTML 132Page - Texas Instruments AM6546ACD Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 284 page
background image
over operating free-air temperature range (unless otherwise noted)(2)
SUPPLY NAME
DESCRIPTION
MIN(1)
NOM
MAX(1)
UNIT
VDDSHV2
Dual-voltage IO domain power supply 1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV2_WKUP
Dual-voltage IO domain power supply 1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV3
Dual-voltage IO domain power supply 1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV4
Dual-voltage IO domain power supply 1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV5
Dual-voltage IO domain power supply 1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV6
Dual-voltage IO domain power supply 1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV7
Dual-voltage IO domain power supply 1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV8
Dual-voltage IO domain power supply 1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
USB0_VBUS
Voltage range for USB VBUS comparator input
0
see(7)
1.89
V
USB1_VBUS
Voltage range for USB VBUS comparator input
0
see(7)
1.89
V
USB0_ID
Voltage range for the USB ID input
see(5)
V
USB1_ID
Voltage range for the USB ID input
see(5)
V
VSS
Ground
0
V
TJ
Operating junction temperature range Extended
-40
105
°C
Commercial
0
90
°C
(1)
The voltage at the device ball must never be below the MIN voltage or above the MAX voltage for any amount of time. This
requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, and so forth.
(2)
Refer to Power-On-Hour (POH) Limits for limitations.
(3)
This value is without AVS. The AVS Voltages are device-dependent, voltage domain-dependent, and OPP-dependent. They must be
read from the VTM_DEVINFO_VDn. For information about VTM_DEVINFO_VDn registers address, please refer to section Voltage
and Thermal Manager (VTM) in the device TRM. The power supply should be adjustable over the following ranges for each required
OPP:
•
OPP_NOM: 0.9 V – 1.1 V
•
OPP_OD: 0.9 V – 1.2 V
•
OPP_TURBO: 0.9 V – 1.24 V
The AVS Voltages will be within the above specified ranges.
(4)
VDDS_DDR is required to still be powered with either DDR4 voltage ranges, even If DDR interface is unused.
(5)
This terminal is connected to analog circuits in the respective USB PHY. The circuit sources a known current while measuring the
voltage to determine if the terminal is connected to VSS with a resistance less than 10 Ω or greater than 100 kΩ. The terminal should
be connected to ground for USB host operation or open-circuit for USB peripheral operation, and should never be connected to any
external voltage source.
(6)
The VDDA_VSYS_MON pin provides a way to monitor the system power supply and is not fail-safe, unless implemented with the
appropriate resistor voltage divider source. For more information, see Section 9.2.5, System Power Supply Monitor Design Guidelines.
(7)
An external resistor divider is required to limit the voltage applied to this device pin. For more information, see Section 9.2.3, USB
Design Guidelines.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
129
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com