Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 202 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 202 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 198Page - Texas Instruments AM6546ACD Datasheet HTML 199Page - Texas Instruments AM6546ACD Datasheet HTML 200Page - Texas Instruments AM6546ACD Datasheet HTML 201Page - Texas Instruments AM6546ACD Datasheet HTML 202Page - Texas Instruments AM6546ACD Datasheet HTML 203Page - Texas Instruments AM6546ACD Datasheet HTML 204Page - Texas Instruments AM6546ACD Datasheet HTML 205Page - Texas Instruments AM6546ACD Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 284 page
background image
Note
Philips I2C specification rise/fall timings apply only to MCU_I2C0 and WKUP_I2C0. MAIN_I2C[0:3]
use standard LVCMOS buffers to emulate open-drain buffers, and their rise/fall times should be
referenced using the device IBIS model.
Note
I2C pins SDA and SCL do not feature fail-safe I/O buffers. These pins could potentially draw current
when the device is powered down.
For more details about features and additional description information on the device Inter-Integrated Circuit, see
the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description.
7.9.5.13 MCAN
For more details about features and additional description information on the device Controller Area Network
Interface, see the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed
Description.
Table 7-41 presents timing conditions for MCANi interface. Table 7-42 presents timing parameters for MCANi
Interface.
Table 7-41. MCAN Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2
15
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
5
20
pF
Table 7-42. MCAN Register to Pin Timings
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
M1
tp(MCANi_TX)
Delay Time Max, Transmit Shift Register to MCANi_TX pin
15
ns
M2
tp(MCANi_RX)
Delay Time Max, MCANi_RX pin to receive shift register
15
ns
For more information, see section Controller Area Network (MCAN) in the device TRM.
7.9.5.14 MCASP
For more details about features and additional description information on the device Multichannel Audio Serial
Port, see the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description.
Table 7-43 presents timing conditions for MCASP0 to MCASP2.
Section 7.9.5.14.1 present timing requirements and switching characteristics for MCASP0 to MCASP2.
Table 7-43. MCASP Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.7
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1
10
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
140
1080
ps
td(Trace Mismatch Delay)
Propagation delay mismatch across all traces
100
ps
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
202
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com