Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 217 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 217 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 213Page - Texas Instruments AM6546ACD Datasheet HTML 214Page - Texas Instruments AM6546ACD Datasheet HTML 215Page - Texas Instruments AM6546ACD Datasheet HTML 216Page - Texas Instruments AM6546ACD Datasheet HTML 217Page - Texas Instruments AM6546ACD Datasheet HTML 218Page - Texas Instruments AM6546ACD Datasheet HTML 219Page - Texas Instruments AM6546ACD Datasheet HTML 220Page - Texas Instruments AM6546ACD Datasheet HTML 221Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 284 page
background image
Figure 7-74. eMMC/SD/SDIO in - High Speed - Receiver Mode
Figure 7-75. eMMC/SD/SDIO in - High Speed - Transmitter Mode
7.9.5.16.1.3 UHS-I SDR12, 1.8-V Legacy SDR Mode
Table 7-57 and Table 7-58 present Timing requirements and Switching characteristics for MMCi - SDR12, 1.8V
Legacy SDR in receiver and transmitter mode (see Figure 7-76 and Figure 7-77).
Table 7-57. Timing Requirements for MMCi - SDR12, 1.8-V Legacy SDR Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SDR121
tsu(cmdV-clkH)
Setup time, MMCi_CMD valid before MMCi_CLK rising clock edge
10.04
ns
SDR122
th(clkH-cmdV)
Hold time, MMCi_CMD valid after MMCi_CLK rising clock edge
1.75
ns
SDR123
tsu(dV-clkH)
Setup time, MMCi_DAT[j:0] valid before MMCi_CLK rising clock
edge
10.04
ns
SDR124
th(clkH-dV)
Hold time, MMCi_DAT[j:0] valid after MMCi_CLK rising clock edge
1.75
ns
Table 7-58. Switching Characteristics for MMCi - SDR12, 1.8-V Legacy SDR Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SDR125
fop(clk)
Operating frequency, MMCi_CLK
25
MHz
SDR126
tw(clkH)
Pulse duration, MMCi_CLK high
18.7
ns
SDR127
tw(clkL)
Pulse duration, MMCi_CLK low
18.7
ns
SDR128
td(clkH-cmdV)
Delay time, MMCi_CLK rising clock edge to MMCi_CMD transition
1.12
35.68
ns
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
217
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com