Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 223 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 223 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 219Page - Texas Instruments AM6546ACD Datasheet HTML 220Page - Texas Instruments AM6546ACD Datasheet HTML 221Page - Texas Instruments AM6546ACD Datasheet HTML 222Page - Texas Instruments AM6546ACD Datasheet HTML 223Page - Texas Instruments AM6546ACD Datasheet HTML 224Page - Texas Instruments AM6546ACD Datasheet HTML 225Page - Texas Instruments AM6546ACD Datasheet HTML 226Page - Texas Instruments AM6546ACD Datasheet HTML 227Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 284 page
background image
7.9.5.18 OSPI
For more details about features and additional description information on the device Octal Serial Peripheral
Interface, see the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed
Description.
Table 7-66 presents timing conditions for OSPI.
Table 7-66. OSPI Timing Conditions
PARAMETER
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
All modes
1
6
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
All modes
3
10
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay
OSPI_CLK trace
Internal Loopback;
Internal Pad Loopback
450
ps
Propagation delay
OSPI_LBCLKO trace
External Board Loopback
2*L(2)-30
2*L(2)+30
ps
Propagation delay
OSPI_DQS trace
DQS
L(2)-30
L(2)+30
ps
td(Trace Mismatch
Delay)
Propagation delay mismatch
OSPI_D[i:0](1), OSPI_CSn
relative to OSPI_CLK
All modes
60
ps
(1)
i in D[i:0] = 0 to 7 for OSPI0; i in [i:0] = 3 for OSPI1
(2)
L = Propagation delay of OSPI_CLK trace
7.9.5.18.1 OSPI with Data Training
Note
I/O timing requirements and switching characteristics are not applicable when OSPI is used with data
training. Follow the Section 9.2.2, OSPI and QSPI Board Design and Layout Guidelines to ensure
proper operation.
7.9.5.18.1.1 OSPI Switching Characteristics - Data Training
PARAMETER
MODE
MIN
MAX
UNIT
tc(CLK)
Cycle time, CLK
1.8V, SDR
5.00
ns
3.3V, SDR
7.52
ns
1.8V, DDR
6.02
ns
3.3V, DDR
7.52
ns
7.9.5.18.2 OSPI without Data Training
Note
The I/O Timings provided in this section are only applicable when data training is not implemented.
Additionally, the I/O Timings are valid only for some OSPI usage modes when the corresponding DLL
Delays are configured as described in Table 7-67 found in this section.
Section 7.9.5.18.2.4, Section 7.9.5.18.2.2, Figure 7-90, and Figure 7-88 present switching characteristics for
OSPI DDR and SDR Mode.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
223
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com