Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 262 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 262 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 258Page - Texas Instruments AM6546ACD Datasheet HTML 259Page - Texas Instruments AM6546ACD Datasheet HTML 260Page - Texas Instruments AM6546ACD Datasheet HTML 261Page - Texas Instruments AM6546ACD Datasheet HTML 262Page - Texas Instruments AM6546ACD Datasheet HTML 263Page - Texas Instruments AM6546ACD Datasheet HTML 264Page - Texas Instruments AM6546ACD Datasheet HTML 265Page - Texas Instruments AM6546ACD Datasheet HTML 266Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 284 page
background image
9.2 Peripheral- and Interface-Specific Design Information
9.2.1 DDR Board Design and Layout Guidelines
The goal of the AM65x/DRA80xM DDR Board Design and Layout Guidelines is to make the DDR4 system
implementation straightforward for all designers. Requirements have been distilled down to a set of layout and
routing rules that allow designers to successfully implement a robust design for the topologies that TI supports.
TI only supports board designs using DDR4 memories that follow the guidelines in this document.
9.2.2 OSPI Board Design and Layout Guidelines
The following section details the routing guidelines that must be observed when routing the OSPI interfaces.
9.2.2.1 No Loopback and Internal Pad Loopback
• The MCU_OSPI[x]_CLK output signal must be connected to the CLK pin of the flash device
• The signal propagation delay from the MCU_OSPI[x]_CLK signal to the flash device must be < 450pS (~7cm
as stripline or ~8cm as microstrip)
• 50 Ω PCB routing is recommended along with series terminations, as shown in Figure 9-1
• Propagation delays and matching:
– A to B < 450ps
– Matching skew: < 60pS
A
B
MCU_OSPI[x]_CLK
R1
OSPI/QSPI/SPI
device clock input
OSPI/QSPI/SPI
device IOy, CS#
MCU_OSPI[x]_D[y],
MCU_OSPI[x]_CSn[z]
0
*
Ω
OSPI_Board_01
*0 Ω resistor (R1), located as close as possible to the MCU_OSPI[x]_CLK pin, is placeholder for fine tuning, if needed
Figure 9-1. OSPI Interface High Level Schematic
9.2.2.2 External Board Loopback
• The MCU_OSPI[x]_CLK output signal must be connected to the CLK pin of the flash device
• The MCU_OSPI[x]_LBCLKO output signal must be looped back into the MCU_OSPI[x]_DQS input
• The signal propagation delay from the MCU_OSPI[x]_CLK pin to the flash device CLK input pin (A to B)
should be approximately equal to half of the signal propagation delay from the MCU_OSPI[x]_LBCLKO pin to
the MCU_OSPI[x]_DQS pin ((C to D)/2). See the note below.
• The signal propagation delay from the MCU_OSPI[x]_CLK pin to the flash device CLK input pin (A to B) must
be approximately equal to the signal propagation delay of the control and data signals between the flash
device and the SoC device (E to F, or F to E)
• 50 Ω PCB routing is recommended along with series terminations, as shown in Figure 9-2
• Propagation delays and matching:
– A to B = E to F = (C to D) / 2
– Matching skew: < 60pS
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
262
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com