Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 267 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 267 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 263Page - Texas Instruments AM6546ACD Datasheet HTML 264Page - Texas Instruments AM6546ACD Datasheet HTML 265Page - Texas Instruments AM6546ACD Datasheet HTML 266Page - Texas Instruments AM6546ACD Datasheet HTML 267Page - Texas Instruments AM6546ACD Datasheet HTML 268Page - Texas Instruments AM6546ACD Datasheet HTML 269Page - Texas Instruments AM6546ACD Datasheet HTML 270Page - Texas Instruments AM6546ACD Datasheet HTML 271Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 284 page
background image
9.2.8.1 LVCMOS External Capacitor Connections
Each VDDSHV[8:0], and VDDSHV[2:0]_WKUP can be configured as 1.8 V or 3.3 V. Figure 9-7 through Figure
9-10 illustrate different system configurations for the dual-voltage I/O supplies.
VDDSHV[8:0], and VDDSHV[2:0]_WKUP are the dual-voltage LVCMOS I/O supplies, while VDDS[8:0] are the
dual-voltage LVCMOS I/O bias supplies. If any of the VDDSHV[8:0] or VDDSHV[2:0]_WKUP are configured
for 3.3 V operation, the corresponding VDDS[8:0] or VDDS[2:0]_WKUP should be sourced from the internal
I/O Bias LDO. When any of the VDDSHV[8:0] or VDDSHV[2:0]_WKUP are configured for 1.8 V operation,
both VDDS[8:0] and VDDSHV[8:0] or VDDS[2:0]_WKUP and VDDSHV[2:0]_WKUP should be supplied from the
same source.
Two I/O Bias LDOs are integrated on this device to share load current. The recommended load sharing is as
follows:
• IOLDO0 : VDDS0, VDDS1, VDDS2, VDDS5, VDDS7, VDDS8
• IOLDO1 : VDDS3, VDDS4, VDDS6
Figure 9-7 shows all VDDSHV[8:0], and VDDSHV[2:0]_WKUP supplies configured for 3.3V operation.
Device
VDDSHV0_WKUP
VDDSHV1_WKUP
VDDSHV2_WKUP
VDDA_3P3_IOLDO0
VDDA_3P3_IOLDO1
VDDSHV7
I/O Bias LDO
I/O Bias LDO
VDDA_POR_WKUP
VDDA_3P3_IOLDO_WKUP
VDDSHV0
VDDSHV1
VDDSHV2
VDDSHV3
VDDSHV4
VDDSHV5
VDDSHV6
I/O Bias LDO
VDDS1
VDDS2
VDDS4
VDDS0
VDDS5
VDDS7
VDDS8
VDDS3
Wakeup
Domain
Main
Domain
SPRSP08 DECOUPLING CAPS_01
_
_
VDDS2_WKUP
VDDS0_WKUP
VDDS1_WKUP
VDDS6
VDDSHV8
CAP_VDDA_1P8_IOLDO_WKUP
CAP_VDDA_1P8_IOLDO1
CAP_VDDA_1P8_IOLDO0
Figure 9-7. All VDDSHV[8:0], and VDDSHV[2:0]_WKUP Supplies Configured for 3.3 V Operation
Figure 9-8 shows all VDDSHV[8:0] and VDDSHV[2:0]_WKUP supplies configured for 1.8 V operation.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
267
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com