Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546ACD Datasheet(PDF) 273 Page - Texas Instruments

Part # AM6546ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6546ACD Datasheet(HTML) 273 Page - Texas Instruments

Back Button AM6546ACD Datasheet HTML 269Page - Texas Instruments AM6546ACD Datasheet HTML 270Page - Texas Instruments AM6546ACD Datasheet HTML 271Page - Texas Instruments AM6546ACD Datasheet HTML 272Page - Texas Instruments AM6546ACD Datasheet HTML 273Page - Texas Instruments AM6546ACD Datasheet HTML 274Page - Texas Instruments AM6546ACD Datasheet HTML 275Page - Texas Instruments AM6546ACD Datasheet HTML 276Page - Texas Instruments AM6546ACD Datasheet HTML 277Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 284 page
background image
10.1.1 Standard Package Symbolization
SPRSP08_PACK_01
SITARA™
aBBBBBBrPPPzYyTtFSs
PIN ONE INDICATOR
O
G1
YYY
ZZZ
XXXXXXX
Figure 10-1. Printed Device Reference
10.1.2 Device Naming Convention
Table 10-1. Nomenclature Description
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
a
Device evolution stage
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK
Production
BBBBBB
Base production part
number
AM6548
Quad Core High Tier (See Table 5-1, Device Comparison)
AM6528
Dual Core High Tier (See Table 5-1, Device Comparison)
AM6546
Quad Core Low Tier (See Table 5-1, Device Comparison)
AM6526
Dual Core Low Tier (See Table 5-1, Device Comparison)
r
Device revision
BLANK
SR 1.0
A
SR 2.0
B
SR 2.1
PPP
Package Designator
ACD
ACD FCBGA-N784 (23mm × 23mm) Package
z
Device Speed
X
High speed grade (see Table 7-1, Speed Grade Maximum Frequency)
OTHER
Alternate speed grade
Yy
Device type
E
All industrial protocols enabled (basic protocols plus EtherCAT slave and
POWERLINK slave)
BLANK
Basic Industrial protocols enabled
Tt
Temperature (1)
A
Extended (see Section 7.4, Recommended Operating Conditions)
BLANK
Commercial (see Section 7.4, Recommended Operating Conditions)
F
Functional Safety
BLANK
No safety features
F
Safety features enabled including lock-step MCU
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
273
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com