Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOUSB211DPR Datasheet(PDF) 14 Page - Texas Instruments

Part # ISOUSB211DPR
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211DPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISOUSB211DPR Datasheet HTML 10Page - Texas Instruments ISOUSB211DPR Datasheet HTML 11Page - Texas Instruments ISOUSB211DPR Datasheet HTML 12Page - Texas Instruments ISOUSB211DPR Datasheet HTML 13Page - Texas Instruments ISOUSB211DPR Datasheet HTML 14Page - Texas Instruments ISOUSB211DPR Datasheet HTML 15Page - Texas Instruments ISOUSB211DPR Datasheet HTML 16Page - Texas Instruments ISOUSB211DPR Datasheet HTML 17Page - Texas Instruments ISOUSB211DPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Over recommended operating conditions (unless otherwise noted). All typical values are at TA = 25°C, VBUSx = 5 V, V3P3Vx =
3.3 V, V1P8Vx = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN TYP
MAX UNIT
REPEATER TIMING - LS, FS
TLSDD
Low-speed Differential Data Propagation
Delay
USB 2.0 spec section 7.1.14. Figure 7-52(C).
358
ns
TLSOP
LS Data bit-width distortion after SOP
USB 2.0 spec section 7.1.14. Figure 7-52(C).
-40
25
ns
TLSJP
LS repeater additive jitter - paired transition USB 2.0 spec section 7.1.14. Figure 7-52(C).
–5
5
ns
TLSJN
LS repeater additive jitter - next transition
USB 2.0 spec section 7.1.14. Figure 7-52(C).
–7.0
7.0
ns
TLST
Minimum width of SE0 interval during LS
differential transition - filtered out by the
repeater
USB 2.0 spec section 7.1.4.
210
ns
TLEOPD
Repeater EOP delay relative to TLSDD
USB 2.0 spec section 7.1.14. Figure 7-53(C).
0
200
ns
TLESK
SE0 skew caused by the repeater during LS
EOP
USB 2.0 spec section 7.1.14. Figure 7-53(C).
-100
100
ns
TFSDD
Full-Speed Differential Data Propagation
Delay
USB 2.0 spec section 7.1.14. Figure 7-52(C).
70
ns
TFSOP
FS Data bit-width distortion after SOP
USB 2.0 spec section 7.1.14. Figure 7-52(C).
-10
10
ns
TFSJP
FS repeater additive jitter - paired transition USB 2.0 spec section 7.1.14. Figure 7-52(C).
–2
2
ns
TFSJN
FS repeater additive jitter - next transition
USB 2.0 spec section 7.1.14. Figure 7-52(C).
–6.0
6.0
ns
TFST
Minimum width of SE0 interval during FS
differential transition - filtered out by the
repeater
USB 2.0 spec section 7.1.4.
14
ns
TFEOPD
Repeater EOP delay relative to TFSDD
USB 2.0 spec section 7.1.14. Figure 7-53(C).
0
17
ns
TFESK
SE0 skew caused by the repeater during FS
EOP
USB 2.0 spec section 7.1.14. Figure 7-53(C).
-15
15
ns
REPEATER TIMING - HS
THSSOPT
High-speed Start of Packet Truncation
USB 2.0 spec, section 7.1.10.
6
8
UI
THSEOPD
High-speed End of Packet Dribble
USB 2.0 spec, section 7.1.13.
7
8
UI
THSPD
High-speed Propagation Delay
USB 2.0 spec, section 7.1.14.
2
3
4
ns
THSTJ
High-speed total additive jitter (output jitter
- input jitter) of repeater (includes all
complete SOP bits), EQxx=00
120
ps
THSRJ
High-speed additive random jitter (output
jitter - input jitter) of repeater (includes all
complete SOP bits), EQxx=00
35
ps
THSDJ
High-speed additive deterministic jitter
(output jitter - input jitter) of repeater
(includes all complete SOP bits), EQxx=00.
82
ps
THSDIS
Time window of contiuous no transition
during which the HS Disconnect Detector
output is be sampled
36
82
ns
TFILT
Time for which a Chirp J or Chirp K must
be continuously detected (filtered) by hub or
device during Reset handshake
USB 2.0 spec, section 7.1.7.5.
2.5
µs
CDP TIMING
TVDMSRCEN
Time taken to enable VDMSRC on D- after
detecting VDPSRC connection on D+
0.1
ms
TVDMSRCDIS
Time taken to disable VDMSRC on D- after
detecting VDPSRC disconnection on D+
0.1
ms
TCON_IDPSIN
K_DIS
Time taken to disable IDP_SINK on D+ after
detecting connect
0.1
ms
ISOUSB211
SLLSFC5B – NOVEMBER 2021 – REVISED SEPTEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISOUSB211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com