Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOUSB211DPR Datasheet(PDF) 25 Page - Texas Instruments

Part # ISOUSB211DPR
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211DPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button ISOUSB211DPR Datasheet HTML 21Page - Texas Instruments ISOUSB211DPR Datasheet HTML 22Page - Texas Instruments ISOUSB211DPR Datasheet HTML 23Page - Texas Instruments ISOUSB211DPR Datasheet HTML 24Page - Texas Instruments ISOUSB211DPR Datasheet HTML 25Page - Texas Instruments ISOUSB211DPR Datasheet HTML 26Page - Texas Instruments ISOUSB211DPR Datasheet HTML 27Page - Texas Instruments ISOUSB211DPR Datasheet HTML 28Page - Texas Instruments ISOUSB211DPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
10.1 Typical Application
10.1.1 Isolated Host or Hub
Figure 10-1 shows an application for isolating a host or a hub using ISOUSB211. In this example, on the
microntroller side, V3P3V1 and VBUS1 are together connected to an external 3.3-V supply. The V1P8V1 supply is
generated using the internal 1.8-V LDO by providing 3.3-V supply to VCC1. On the connector side, the VBUS
from the USB connector is connected to VBUS2 and the V3P3V2 supply is generated using the internal 3.3-V
LDO. VCC2 and V1P8V2 are together connected to an external 1.8-V supply derived from VBUS. Please refer to
Thermal Considerations for options on optimizing power dissipation inside ISOUSB211 as required.
Decoupling capacitors are placed next to ISOUSB211 according to the recommendations provided in the Power
Supply Recommendations section. An isolated DC-DC converter (such as the SN6505) is to provide power
to the VBUS using the 3.3-V local supply. Note that, for a host or hub, the USB standard requires a 120-μF
capacitor to be placed on the VBUS so as to be able provide in-rush current when a downstream peripheral is
attached. In addition, a 100-nF capacitor is recommended close to the VBUS pin to handle tranisent currents.
ESD diodes with low capacitance and low dynamic resistance, such as PESD5V0C1USF, may be placed on D+
and D- lines. A ferrite bead, with dc resistance less than 100 mΩ, may be optionally placed between VBUS pin of
the connector and the VBUS pin of ISOUSB211, as shown in the figure, to suppress transients such as ESD.
If the isolated power supply used is capable of providing >1.5 A current on the VBUS, the port can be configured
as a CDP port according to Battery Charger specification BC 1.2. To do this, the CDPENZ2 pin of ISOUSB211
must be connected to ground as shown. Under this condition ISOUSB211 responds to BC 1.2 signaling from a
connected peripheral indicating to the peripheral that the port is capable of supply 1.5-A current on VBUS.
www.ti.com
ISOUSB211
SLLSFC5B – NOVEMBER 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: ISOUSB211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com