Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOUSB211DPR Datasheet(PDF) 1 Page - Texas Instruments

Part # ISOUSB211DPR
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211DPR Datasheet(HTML) 1 Page - Texas Instruments

  ISOUSB211DPR Datasheet HTML 1Page - Texas Instruments ISOUSB211DPR Datasheet HTML 2Page - Texas Instruments ISOUSB211DPR Datasheet HTML 3Page - Texas Instruments ISOUSB211DPR Datasheet HTML 4Page - Texas Instruments ISOUSB211DPR Datasheet HTML 5Page - Texas Instruments ISOUSB211DPR Datasheet HTML 6Page - Texas Instruments ISOUSB211DPR Datasheet HTML 7Page - Texas Instruments ISOUSB211DPR Datasheet HTML 8Page - Texas Instruments ISOUSB211DPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
ISOUSB211 High/Full/Low Speed Isolated USB Repeater
1 Features
• Compliant to USB 2.0
• Supports low speed (1.5 Mbps), full speed (12
Mbps) and high speed (480 Mbps) signaling
• Does not need external crystal or clock input
• Automatic speed and connection detection
• Supports L1 (sleep) and L2 (suspend) low-power
states
• Programmable equalization to compensate board
trace loss in high speed mode
• CDP advertising on downstream side
• Supply OK indication on opposite side
• Supports automatic role reversal for USB On-The-
Go (OTG) and Type-C® Dual Role Port (DRP)
designs
• High CMTI: 100 kV/µs
• ±8 kV IEC 61000-4-2 contact discharge protection
across isolation barrier
• VBUS voltage range: 4.25 V to 5.5 V
– 3.3 V and 1.8 V internal LDOs
• Meets CISPR32 class B emissions limits
• Ambient temperature range: –40°C to +125°C
• Small footprint 28-SSOP package
• Safety-related certifications:
– 7071-VPK VIOTM and 2121-VPK VIORM
(Reinforced and Basic Options) per DIN EN
IEC 60747-17 (VDE 0884-17)
– 5000-VRMS isolation for 1 minute per UL 1577
– IEC 62368-1, IEC 60601-1 and IEC 61010-1
certifications
– CQC, TUV and CSA certifications
2 Applications
• USB Hub, Host, Peripheral and Cable Isolation
• Medical
• Factory automation
• Motor drives
• Grid infrastructure
• Power delivery
• USB Audio
Reinforced and Basic Isolation Options
FEATURE
ISOUSB211
ISOUSB211B
Protection Level
Reinforced
Basic
Surge Isolation Voltage
12800 VPK
6000 VPK
Isolation Rating
5000 VRMS
3000 VRMS
Isolation Working Voltage
1500 VRMS /
2121 VPK
1500 VRMS /
2121 VPK
3 Description
ISOUSB211 is a galvanically-isolated USB 2.0
compliant repeater supporting low speed (1.5
Mbps), full speed (12 Mbps) and high speed
(480 Mbps) signaling rates. The device supports
automatic connect and speed detection, reflection
of pull-ups/pull-downs, and link power management
allowing drop-in USB hub, host, peripheral and
cable isolation. The device also supports automatic
role reversal - if after disconnect, a new connect
is detected on the Upstream facing port, then
the Upstream and Downstream port definitions
are reversed. This feature enables the device to
support USB On-The-Go (OTG) and Type-C Dual
Role Port (DRP) implementations. The ISOUSB211
has inbuilt programmable equalization to cancel
signal loss caused by board traces, which helps in
meeting USB2.0 high-speed TX and RX eye-diagram
templates. This device uses a silicon dioxide (SiO2)
insulation barrier with a withstand voltage of up to
5000 VRMS and a working voltage of 1500 VRMS.
Used in conjunction with isolated power supplies, the
device protects against high voltage, and prevents
noise currents from the bus from entering the local
ground. The ISOUSB211 device is available for both
basic and reinforced isolation (see Reinforced and
Basic Isolation Options). It supports a wide ambient
temperature range of –40°C to +125°C. The device
is available in the small foot-print SSOP-28 (28-DP)
package.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
ISOUSB211
SSOP (28) DP
10.30 mm × 7.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
UD+
VBUS1
UD-
GND1
DD+
GND2
DD-
VBUS2
Galvanic
Isolation Barrier
ISOUSB211
V3P3V2
Peripheral
MCU
DP
GND
DM
VCC
3.3 V (local supply)
PERIPHERAL
Upstream
Port
Connector
USB
HOST
Application Diagram
ISOUSB211
SLLSFC5B – NOVEMBER 2021 – REVISED SEPTEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISOUSB211DPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOUSB211DPRQ1 TI2-ISOUSB211DPRQ1 Datasheet
1Mb / 44P
ISOUSB211-Q1 High/Full/Low Speed Isolated USB Repeater
REVISED JULY 2026
More results

Similar Description - ISOUSB211DPR

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
USB 2.0 Full-Speed/Low-Speed Transceiver
Rev. 6 March 2006
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
Full/Low Speed USB Digital Isolator
Rev. Pr F
logo
Advantech Co., Ltd.
USB-4620 ADVANTECH-USB-4620_15 Datasheet
207Kb / 1P
5-port Full-speed Isolated USB 2.0 Hub
USB-4620 ADVANTECH-USB-4620 Datasheet
584Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
29-Sep-2020
logo
Texas Instruments
ISOUSB111 TI-ISOUSB111 Datasheet
1Mb / 31P
ISOUSB111 Full/Low Speed Isolated USB Repeater
NOVEMBER 2021
ISOUSB211 TI-ISOUSB211 Datasheet
1Mb / 40P
ISOUSB211 High/Full/Low Speed Isolated USB Repeater
NOVEMBER 2021
ISOUSB111 TI-ISOUSB111_V01 Datasheet
1Mb / 35P
ISOUSB111 Full/Low Speed Isolated USB Repeater
APRIL 2022
ISOUSB111 TI-ISOUSB111_V02 Datasheet
1Mb / 40P
ISOUSB111 Full/Low Speed Isolated USB Repeater
REVISED JULY 2022
ISOUSB111 TI-ISOUSB111_V03 Datasheet
1Mb / 40P
ISOUSB111 Full/Low Speed Isolated USB Repeater
REVISED SEPTEMBER 2022
logo
Advantech Co., Ltd.
BB-485OPDR-HS ADVANTECH-BB-485OPDR-HS Datasheet
571Kb / 2P
High-Speed, Isolated RS-422/485 Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com