Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOUSB211DPR Datasheet(PDF) 21 Page - Texas Instruments

Part # ISOUSB211DPR
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211DPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISOUSB211DPR Datasheet HTML 17Page - Texas Instruments ISOUSB211DPR Datasheet HTML 18Page - Texas Instruments ISOUSB211DPR Datasheet HTML 19Page - Texas Instruments ISOUSB211DPR Datasheet HTML 20Page - Texas Instruments ISOUSB211DPR Datasheet HTML 21Page - Texas Instruments ISOUSB211DPR Datasheet HTML 22Page - Texas Instruments ISOUSB211DPR Datasheet HTML 23Page - Texas Instruments ISOUSB211DPR Datasheet HTML 24Page - Texas Instruments ISOUSB211DPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
power and serve a similar purpose as external 1.8-V LDOs, that is, reduce power dissipation inside ISOUSB211
and allow higher ambient temperature operation.
Refer to the Thermal Considerations section for further details on how to optimize ISOUSB211 internal power
dissipation according to the maximum ambient temperature required in the system, and for recommendations on
external resistors, LDOs and buck converters.
8.3.2 Power Up
Until all power supplies on both sides of ISOUSB211 are above their respective UVLO thresholds, the device
ignores any activity on the bus lines on both upstream and downstream side. Once the power supplies are
above their UVLO thresholds, the device is ready to respond to activity on the bus lines. When the power
supplies on side 1 are up, this is indicated on side 2 by V1OK = High. Similarly, V2OK = High indicates that Side
2 is fully powered up.
8.3.3 Symmetric Operation, Dual-Role Port and Role-Reversal
ISOUSB211 supports symmetric operation. Normally, UD+ and UD- are upstream facing ports and connect to a
host or hub. DD+ and DD- are downstream facing ports and connect to a peripheral. However, it is also possible
to connect UD+ and UD- to a peripheral and DD+ and DD- to a host or hub. Whichever side sees a connect
first (D+ or D- pulled up to 3.3 V) becomes the downstream facing side. This feature enables implementation of
dual-role port (for eg. Type-C dual-role port) and role-reversal (for eg. OTG Host Negotiation Protocol - HNP).
Refer to How to Implement an Isolated USB 2.0 High-Speed, Type-C® DRP application note for details. In the
rest of this document, DD+/DD- are treated as downstream facing ports, and UD+/UD- as upstream facing ports,
but the various operations and features described are equally applicable if this assignment is swapped.
8.3.4 Connect and Speed Detection
When there is no peripheral device connected to the downstream side of ISOUSB211, internal 15 kΩ pull-down
resistors on DD+ and DD- pins pull the bus lines to zero, creating an SE0 state. When either the DD+ or DD-
lines is pulled up higher than the VIH threshold, for a time period higher than TFILTCONN, the ISOUSB211 device
treats this as a connect. The ISOUSB211 device configures internal pull-up on the upstream side to match the
pull-up detected on the downstream side. After connect is detected, the ISOUSB211 device waits for a reset to
be asserted by the host/hub on the upstream side. Depending on whether DD+ or DD- is pulled up at the start
of reset, the speed of the ISOUSB211 repeater is set. Once set, the speed of the repeater can only be changed
after a power down or disconnect event.
A high-speed (HS) capable device is attached to the ISOUSB211 device would proceed to perform high-speed
handshake using chirp signaling as specified in the USB2.0 standard. This would be followed by chirp signals
from the host. The ISOUSB211 device reflects these chirp signals across the barrier, including HS idle (SE0)
states from downstream to upstream and vice versa. Upon successful completing of the HS handshake
ISOUSB211 speed is set to High speed. Once set to high-speed, the speed of the repeater can only be changed
after power down, HS disconnect event, or if the peripheral or host/hub do not perform HS handshake after a
reset.
8.3.5 Disconnect Detection
When in Full-speed (FS) and Low-speed (LS) modes, disconnection of a peripheral is indicated when the
host/hub is not driving any signal on the upstream side, and when the downstream bus is in the SE0 state ( Both
DD+ and DD- are below the VILthreshold) for a time period higher than TDDIS. Upon disconnect detection in FS
and LS modes, the ISOUSB211 device removes the pull-up resistor from the upstream side, thus allowing the
upstream UD+ and UD- lines to discharge to zero. The ISOUSB211 then waits for the next connect event to
occur.
When in High Speed (HS) mode, if the ISOUSB211 detects a continuous period of no transitions lasting
THSDIS, the devices samples the DD+ and DD- lines using the HS Disconnect detector. If the input differential
voltage crosses VHSDSC during THSDIS, the repeater removes the HS termination from both the downstream and
upstream terminals and transitions to a disconnect state. The ISOUSB211 then waits for the next connect event
to occur.
www.ti.com
ISOUSB211
SLLSFC5B – NOVEMBER 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISOUSB211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com