Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOUSB211DPR Datasheet(PDF) 2 Page - Texas Instruments

Part # ISOUSB211DPR
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211DPR Datasheet(HTML) 2 Page - Texas Instruments

  ISOUSB211DPR Datasheet HTML 1Page - Texas Instruments ISOUSB211DPR Datasheet HTML 2Page - Texas Instruments ISOUSB211DPR Datasheet HTML 3Page - Texas Instruments ISOUSB211DPR Datasheet HTML 4Page - Texas Instruments ISOUSB211DPR Datasheet HTML 5Page - Texas Instruments ISOUSB211DPR Datasheet HTML 6Page - Texas Instruments ISOUSB211DPR Datasheet HTML 7Page - Texas Instruments ISOUSB211DPR Datasheet HTML 8Page - Texas Instruments ISOUSB211DPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................6
6.5 Power Ratings.............................................................6
6.6 Insulation Specifications............................................. 7
6.7 Safety-Related Certifications...................................... 8
6.8 Safety Limiting Values.................................................8
6.9 Electrical Characteristics.............................................9
6.10 Switching Characteristics........................................13
6.11 Insulation Characteristics Curves............................15
6.12 Typical Characteristics............................................ 16
7 Parameter Measurement Information.......................... 17
7.1 Test Circuits.............................................................. 17
8 Detailed Description......................................................19
8.1 Overview................................................................... 19
8.2 Functional Block Diagram......................................... 19
8.3 Feature Description...................................................20
8.4 Device Functional Modes..........................................23
9 Power Supply Recommendations................................24
10 Application and Implementation................................ 25
10.1 Typical Application.................................................. 25
10.2 Meeting USB2.0 HS Eye-Diagram Specifications...29
10.3 Thermal Considerations..........................................30
11 Layout........................................................................... 34
11.1 Layout Guidelines................................................... 34
12 Device and Documentation Support..........................36
12.1 Documentation Support.......................................... 36
12.2 Receiving Notification of Documentation Updates..36
12.3 Support Resources................................................. 36
12.4 Trademarks.............................................................36
12.5 Electrostatic Discharge Caution..............................36
12.6 Glossary..................................................................36
13 Mechanical, Packaging, and Orderable
Information.................................................................... 36
13.1 Tape and Reel Information......................................40
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (March 2022) to Revision B (September 2022)
Page
• Updated device status to Production Data......................................................................................................... 1
Changes from Revision * (November 2021) to Revision A (March 2022)
Page
• TA Max value updated to 125°C......................................................................................................................... 5
• Updated Thermal Considerations section.........................................................................................................30
ISOUSB211
SLLSFC5B – NOVEMBER 2021 – REVISED SEPTEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISOUSB211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com