Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9689E Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9689E
Description  Automotive 8 channels chip for advanced airbag applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9689E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9689E Datasheet HTML 3Page - STMicroelectronics L9689E Datasheet HTML 4Page - STMicroelectronics L9689E Datasheet HTML 5Page - STMicroelectronics L9689E Datasheet HTML 6Page - STMicroelectronics L9689E Datasheet HTML 7Page - STMicroelectronics L9689E Datasheet HTML 8Page - STMicroelectronics L9689E Datasheet HTML 9Page - STMicroelectronics L9689E Datasheet HTML 10Page - STMicroelectronics L9689E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Symbol
Parameter
Min Typ
Max
Unit
NC
-
-
-
-
-
SF7
Squib/LEA high-side channel 7
-1(1)
-
40
V
SS67
Squib/LEA high-side supply channel 6 and 7
-0.3
-
40
V
SR7
Squib/LEA low-side channel 7
-0.3
-
35
V
SG67
Squib/LEA low-side ground channel 6 and 7
-0.3
-
0.3
V
SR6
Squib/LEA low-side channel 6
-0.3
-
35
V
SF6
Squib/LEA high-side channel 6
-1(1)
-
40
V
SF5
Squib high-side channel 5
-1(1)
-
40
V
SS45
Squib high-side supply channel 4 and 5
-0.3
-
40
V
NC
-
-
-
-
-
SR5
Squib low-side channel 5
-0.3
-
35
V
SG45
Squib low-side ground channel 4 and 5
-0.3
-
0.3
V
SR4
Squib low-side channel 4
-0.3
-
35
V
NC
-
-
-
-
-
SF4
Squib high-side channel 4
-1(1)
-
40
V
RESET_N
Reset input
-0.3
-
min (VCC+0.3, 4.6)
V
SPI_MISO_RS
Remote sensor SPI data out
-0.3
-
min (VCC+0.3, 4.6)
V
SPI_MOSI_RS
Remote sensor SPI data in
-0.3
-
min (VCC+0.3, 4.6)
V
SPI_SCLK_RS
Remote sensor SPI clock
-0.3
-
min (VCC+0.3, 4.6)
V
SPI_CS_RS
Remote sensor SPI chip select
-0.3
-
min (VCC+0.3, 4.6)
V
VCC
VCC supply input voltage
-0.3
-
4.6
V
NC
-
INT_REG_SUP
Internal regulator supply voltage pin
-0.3
-
40
V
AGND
Analog ground
-0.3
-
0.3
V
SPI_MISO_G
Global SPI data out
-0.3
-
min (VCC+0.3, 4.6)
V
SPI_MOSI_G
Global SPI data in
-0.3
-
min (VCC+0.3, 4.6)
V
SPI_SCLK_G
Global SPI clock
-0.3
-
min (VCC+0.3, 4.6)
V
SPI_CS_G
Global SPI chip select
-0.3
-
min (VCC+0.3, 4.6)
V
CLKIN
External clock input
-0.3
-
min (VCC+0.3, 4.6)
V
ARM_CS_RS
Arm status capture input (on remote sensor SPI)
-0.3
-
min (VCC+0.3, 4.6)
V
SUBGND1
Substrate ground 1 (fused with lead frame)
-0.3
-
0.3
V
Ex Pad Down
Substrate ground (backside)
-0.3
-
0.3
V
1. In the case of deployment turn off the transient voltages on SS and SF pins can move away from each other until a
maximum voltage of SS-SF < 45 V for a limited transient time (6.5 μs maximum) with no damage on device. Additionally in
this time transient, in worst case load condition (maximum load inductance 56 μH) the peak energy that can be handled by
the ESD protection on SF pin is 128 μJ within a maximum time of 6.5 μs.
2. Valid in transient conditions only.
Table 3. ESD protection
Symbol
Parameter
Min
Typ
Max
Unit
All pins
HBM
-2
-
2
kV
All pins
CDM (values for corner pins in brackets)
-500/(-750)
-
500/(750)
V
L9689E
Absolute maximum ratings
DB4807 - Rev 2
page 7/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com