Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9689E Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9689E
Description  Automotive 8 channels chip for advanced airbag applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9689E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9689E Datasheet HTML 8Page - STMicroelectronics L9689E Datasheet HTML 9Page - STMicroelectronics L9689E Datasheet HTML 10Page - STMicroelectronics L9689E Datasheet HTML 11Page - STMicroelectronics L9689E Datasheet HTML 12Page - STMicroelectronics L9689E Datasheet HTML 13Page - STMicroelectronics L9689E Datasheet HTML 14Page - STMicroelectronics L9689E Datasheet HTML 15Page - STMicroelectronics L9689E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
5.1
TQFP64 (10X10X1.0 mm, 6.0x6.0 mm exp. pad down) package information
Figure 4. TQFP64 (10X10X1.0 mm, 6.0x6.0 mm exp. pad down) package outline
Table 5. TQFP64 (10X10X1.0 mm, 6.0x6.0 mm exp. pad down) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
Ө
0°
3.5°
7°
Ө1
0°
-
-
L9689E
Package information
DB4807 - Rev 2
page 12/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com