Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9689E Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9689E
Description  Automotive 8 channels chip for advanced airbag applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9689E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9689E Datasheet HTML 6Page - STMicroelectronics L9689E Datasheet HTML 7Page - STMicroelectronics L9689E Datasheet HTML 8Page - STMicroelectronics L9689E Datasheet HTML 9Page - STMicroelectronics L9689E Datasheet HTML 10Page - STMicroelectronics L9689E Datasheet HTML 11Page - STMicroelectronics L9689E Datasheet HTML 12Page - STMicroelectronics L9689E Datasheet HTML 13Page - STMicroelectronics L9689E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
•
Capability to inhibit passenger airbag loops via monitoring of RS_SPI from System Basis device
3.6
General purpose low-side outputs
•
2 low-side drivers
•
ON-OFF mode and PWM 0-100% fine control
•
Diagnostics for short circuit protection and open load detection
•
Current limit protected
3.7
A/D converters
•
One A/D converter dedicated to power-supply voltage and die average temperature monitoring, providing a
10 bit conversion via Global SPI and with the capability to handle a queue of 4 conversion requests
•
One A/D converter dedicated to deployment circuitry voltage monitoring, providing a 10 bit conversion via
Global SPI and with the capability to handle one conversion request per time
•
One A/D converter dedicated to deployment leakage current diagnostic, providing a 10 bit conversion of
the measured leakage current via Global SPI; this current A/D converter is shared among all 8 deployment
channels
•
2 A/D converters dedicated to remote sensor interfaces, providing a 10 bit conversion of the sensor current
value and used for sensor communication decoding; each RSU channel have a dedicated current A/D
converter
•
2 A/D converters dedicated to DC sensor interfaces, one providing the voltage value (10 bit conversion) and
the other one providing the current value (10 bit conversion); the 2 A/D converters are shared among all 7
DC sensor channels. Conversions are provided via Global SPI, with the capability to handle a queue of 4
conversion requests
L9689E
General purpose low-side outputs
DB4807 - Rev 2
page 10/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com