Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9689E Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9689E
Description  Automotive 8 channels chip for advanced airbag applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9689E Datasheet(HTML) 4 Page - STMicroelectronics

  L9689E Datasheet HTML 1Page - STMicroelectronics L9689E Datasheet HTML 2Page - STMicroelectronics L9689E Datasheet HTML 3Page - STMicroelectronics L9689E Datasheet HTML 4Page - STMicroelectronics L9689E Datasheet HTML 5Page - STMicroelectronics L9689E Datasheet HTML 6Page - STMicroelectronics L9689E Datasheet HTML 7Page - STMicroelectronics L9689E Datasheet HTML 8Page - STMicroelectronics L9689E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin #
Pin name
Description
I/O type
Class
11
SG23
Squib low-side ground channel 2 and 3
S
Local
12
SR3
Squib low-side channel 3
O
Global
13
SS23
Squib high-side supply channel 2 and 3
S
Local
14
SF3
Squib high-side channel 3
O
Global
15
NC
16
VSYS
Supply input voltage (DCS and deployment diagnostics)
S
Local
17
DCS0
DC sensor interface channel 0
O
Global
18
DCS1
DC sensor interface channel 1
O
Global
19
DCS2
DC sensor interface channel 2
O
Global
20
DCS3
DC sensor interface channel 3
O
Global
21
DCS4
DC sensor interface channel 4
O
Global
22
DCS5
DC sensor interface channel 5
O
Global
23
DCS6
DC sensor interface channel 6
O
Global
24
PGND
Power ground for GPOs and RSU
S
Local
25
RSU0
Remote sensor interface channel 0
O
Global
26
RSU1
Remote sensor interface channel 1
O
Global
27
RSU_SUP_FLT
RSU filtered supply input
S
Local
28
VSYNC
RSU SYNC pulse supply input
S
Local
29
GPOD0
General purpose drain output channel 0
O
Global
30
VIN
Battery input voltage (GPO diagnostic reference)
S
Global
31
GPOD1
General purpose drain output channel 1
O
Global
32
SUBGND0
Substrate ground 0 (fused with lead frame)
S
Local
33
TEST
Test-mode input
I
Local
34
NC
Not Connected
-
-
35
SF7
Squib/LEA high-side channel 7
O
Global
36
SS67
Squib/LEA high-side supply channel 6 and 7
S
Local
37
SR7
Squib/LEA low-side channel 7
O
Global
38
SG67
Squib/LEA low-side ground channel 6 and 7
S
Local
39
SR6
Squib/LEA low-side channel 6
O
Global
40
SF6
Squib/LEA high-side channel 6
O
Global
41
SF5
Squib high-side channel 5
O
Global
42
SS45
Squib high-side supply channel 4 and 5
S
Local
43
NC
Not Connected
-
-
44
SR5
Squib low-side channel 5
O
Global
45
SG45
Squib low-side ground channel 4 and 5
S
Local
46
SR4
Squib low-side channel 4
O
Global
47
NC
Not Connected
-
-
48
SF4
Squib high-side channel 4
O
Global
49
INT_REG_SUP
Internal regulator supply voltage pin
S
Local
50
NC
Not Connected
-
-
51
RESET_N
Reset input
I
Local
L9689E
Pin description
DB4807 - Rev 2
page 4/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com