Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9689E Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9689E
Description  Automotive 8 channels chip for advanced airbag applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9689E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9689E Datasheet HTML 5Page - STMicroelectronics L9689E Datasheet HTML 6Page - STMicroelectronics L9689E Datasheet HTML 7Page - STMicroelectronics L9689E Datasheet HTML 8Page - STMicroelectronics L9689E Datasheet HTML 9Page - STMicroelectronics L9689E Datasheet HTML 10Page - STMicroelectronics L9689E Datasheet HTML 11Page - STMicroelectronics L9689E Datasheet HTML 12Page - STMicroelectronics L9689E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
3
Device overview
3.1
Main features
Dedicated INT_REG_SUP pin, providing supply voltage to the internal low voltage regulators
Dedicated VCC pin, providing supply voltage to the digital I/Os and the internal low voltage regulator
supplying the digital circuitry
Dedicated VSYS pin, providing supply voltage to DC sensor interfaces and deployment diagnostic circuits
Internal 16 MHz oscillator for timing generation
Internal 10 MHz oscillator for monitoring
Dedicated CLKIN pin to provide an external 4 MHz clock, 1% accurate, to improve timing accuracy (by FLL
circuitry)
RESET_N reset input pin
Power-supply voltage and die average temperature monitoring by dedicated A/D converter
Internal NVM, used for trimming
3.2
SPI interface
One dedicated 32-bit SPI bus for global configuration and control
One dedicated 32-bit SPI bus for remote sensor configuration and control, SafeSPI v1.0 compatible
3.3
Deployment drivers and diagnostics
8 high-side deployment drivers, 8 low side deployment drivers
Low-energy actuator (LEA) support available on 2 channels (6 and 7)
Common-return (CSRx) connection support available on 2 channel couples (2-3 and 4-5)
Independently controlled high-side and low-side FETs
User-programmable deployment options
Low current: 1.21 A minimum
High current: 1.76 A minimum
Programmable dwell time in 16 µs increments
Automatic dynamic deployment current profile
Configurable deployment current monitor feature
Deployment interruption in case of high-side short to ground and/or supply overvoltage
Squib/LEA resistance measurement
High and low-side FET tests
Open and shorts diagnostics, including between loop drivers
LEA diode presence/integrity diagnostics
3.4
Remote sensor interfaces
2 channel receiver, PSI-5 v2.3 compatible with SYNC pulse
Dedicated supply input pins for both satellite and SYNC pulse operation
Current limit with short circuit protection diagnostics
Auto-adjusting current trip points for each channel
Satellite data with parity and CRC, 10 bit, 16 bit and 20 bit messages, 125 k or 189 kbps
Satellite message error detection
3.5
DC sensor interfaces
7 integrated interfaces with current sense capability
Compatible with Hall-effect, resistive and switch sensors
Current limit protected output
L9689E
Device overview
DB4807 - Rev 2
page 9/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com