Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM90C66 Datasheet(PDF) 13 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 9Page - SMSC Corporation COM90C66 Datasheet HTML 10Page - SMSC Corporation COM90C66 Datasheet HTML 11Page - SMSC Corporation COM90C66 Datasheet HTML 12Page - SMSC Corporation COM90C66 Datasheet HTML 13Page - SMSC Corporation COM90C66 Datasheet HTML 14Page - SMSC Corporation COM90C66 Datasheet HTML 15Page - SMSC Corporation COM90C66 Datasheet HTML 16Page - SMSC Corporation COM90C66 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
13
TRANSMISSION MEDIA INTERFACE
The right half of Figure 2 illustrates the
COM90C66 interface to the transmission media
used to connect the node to the network. The
HYC9058/68/88 may be used to drive the
media.
During transmission, the COM90C66
transmits a logic "1" by generating two 100 nS
non-overlapping negative pulses, nPULSE1 and
nPULSE2. These signals are sent to the LAN
Driver, which in turn creates a 200 nS dipulse
signal on the media. A logic "0" is transmitted
by the absence of the two negative pulses, that
is, the nPULSE1 and nPULSE2 outputs remain
high, therefore there is an absence of a dipulse.
During reception the 200 nS dipulse appearing
on the media is coupled through the RF
transformer of the LAN Driver. A positive pulse
at the RXIN pin of the COM90C66 is interpreted
as a logic "1". Again, if no dipulse is present,
the COM90C66 interprets a logic "0".
Typically, RXIN pulse occur at multiples of 400
nS. The COM90C66 can tolerate distortion of
plus or minus 100 nS and still correctly capture
the RXIN pulses.
During Reset, the transmitter portion of the
COM90C66 is disabled and the nPULSE1 and
nPULSE2 pins are inactive high.
The COM90C66 includes the nTXLED and
nBSLED signals which, when tied to LEDs,
provide indication of transmit and board access
activity. In addition, it is possible for the user to
completely
disable
the
transmitter
through
software. These two unique features represent
two
of
the
improvements
made
in
the
diagnostics of the device.
Please see the
Improved Diagnostics section of this document
for further detail.
FUNCTIONAL DESCRIPTION
MICROSEQUENCER
The
COM90C66
contains
an
internal
microsequencer
which
performs
all
of
the
control operation necessary to carry out the
ARCNET protocol.
It consists of a clock
generator, a 554 x 8 ROM, a program counter,
two instruction registers, an instruction decoder,
a
no-op
generator,
jump
logic,
and
reconfiguration logic.
The COM90C66 derives a 5 MHz and a 2.5 MHz
clock from the external crystal.
These clocks
provide the rate at which the instructions are
executed within the COM90C66.
The 5 MHz
clock is the rate at which the program counter
operates, while the 2.5 MHz clock is the rate at
which
the
instructions
are
executed.
The
microprogram is stored in the ROM and the
instructions are fetched and then placed into the
instruction registers. One register holds the op
code, while the other holds the immediate data.
Once the instruction is fetched, it is decoded
by the internal instruction decoder, at which
point the COM90C66 proceeds to execute the
instruction.
When
a
no-op
instruction
is
encountered, the microsequencer enters a timed
loop, in which case the program counter is
temporarily stopped until the loop is complete.
When a jump instruction is encountered, the
program counter is loaded with the jump
address from the ROM.
The COM90C66
contains an internal reconfiguration timer which
interrupts the microsequencer if it has timed out.
At this point the program counter is cleared,
after which the MYRECON bit of the Diagnostic
Status Register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com