Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM90C66 Datasheet(PDF) 1 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 1 Page - SMSC Corporation

  COM90C66 Datasheet HTML 1Page - SMSC Corporation COM90C66 Datasheet HTML 2Page - SMSC Corporation COM90C66 Datasheet HTML 3Page - SMSC Corporation COM90C66 Datasheet HTML 4Page - SMSC Corporation COM90C66 Datasheet HTML 5Page - SMSC Corporation COM90C66 Datasheet HTML 6Page - SMSC Corporation COM90C66 Datasheet HTML 7Page - SMSC Corporation COM90C66 Datasheet HTML 8Page - SMSC Corporation COM90C66 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
1
COM90C66
Data Sheet with Erratas for
Rev. B and Rev. D devices
ARCNET
®
® Controller/Transceiver with
AT
®
® Interface and On-Chip RAM
FEATURES
•
ARCNET LAN Controller/Transceiver/
Support Logic/Dual-Port RAM
• Integrates SMSC COM90C65 with 16-Bit
Data Bus, Dual-Port RAM, and Enhanced
Diagnostics Circuitry
• Includes IBM® PC/AT® Bus Interface
Circuitry
• Supports 8- and 16-Bit Data Buses
• Full 2K x 8 On-Chip Dual-Port Buffer RAM
• Zero Wait State Arbitration for Most AT
Buses
• SMSC COM90C26 Software Compatible
• Command Chaining Enhances Performance
• Supports Memory Mapped and Sequential
I/O Mapped Access to the Internal RAM
Buffer
• Compatible with the SMSC HYC9058/68/ 88
(COAX and Twisted Pair Drivers)
• Token Passing Protocol with Self
Reconfiguration Detection
• Variable Data Length Packets
• 16 Bits CRC Check/Generation
• Includes Address Decoding Circuitry for On-
Chip RAM, PROM and I/O
• Supports up to 255 Nodes
• Contains Software Accessible Node ID
Register
• Compatible with Various Topologies (Star,
Tree, Bus, ...)
• On-Board Crystal Oscillator and Reset
Circuitry
• Low Power CMOS, Single +5V Supply
GENERAL DESCRIPTION
The SMSC COM90C66 is a special purpose
communications controller for interconnecting
processors and intelligent peripherals using the
ARCNET Local Area Network. The COM90C66
is unique in that it integrates the core ARCNET
logic found in Standard Microsystems' original
COM90C26 and COM90C32 with an on-chip 2K
x 8 RAM, as well as the 16-bit data bus interface
for the IBM PC/AT. Because of the inclusion of
the RAM buffer in the COM90C66, a complete
ARCNET node can be implemented with only
one
or
two
additional
ICs
(8-
or
16-bit
applications, respectively) and a media driver
circuit. The ARCNET core remains functionally
untouched,
eliminating
validation
and
compatibility concerns. The enhancements exist
in the integration and the performance
of the
device. Maximum integration has been achieved
by including the 2K x 8 RAM buffer on the chip,
providing the immediate benefits of a lower
device pin count and less board components.
The performance is enhanced in four ways:
a
16-bit data bus for operation with the IBM PC/AT;
a zero wait state arbitration mechanism, due
partly to the integration of the RAM buffer on-
chip; the ability of the device to do consecutive
transmissions and receptions via the Command
Chaining operation; and improved diagnostics,
allowing the user to control the system more
efficiently. For most AT compatibles, the device
handles zero wait state transfers.
ARCNET is a registered trademark of Datapoint Corporation
IBM, AT, PC/AT and Micro Channel are registered trademarks of
International Business Machines Corporation


Similar Part No. - COM90C66

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
COM90 ASM-SENSOR-COM90 Datasheet
207Kb / 10P
Doppel-Grenzwertschalter
logo
Stanford Microdevices
COM9026 STANFORD-COM9026 Datasheet
1Mb / 12P
LOCAL AREA NETWORK CONTROLLER LANC-TM
logo
List of Unclassifed Man...
COM9046 ETC1-COM9046 Datasheet
160Kb / 4P
Single Side Band Speech Scrambler
More results

Similar Description - COM90C66

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20022I SMSC-COM20022I Datasheet
617Kb / 83P
10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I-3V SMSC-COM20022I-3V Datasheet
491Kb / 83P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20022I-3.3V SMSC-COM20022I-3.3V Datasheet
474Kb / 73P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM200221 SMSC-COM200221 Datasheet
514Kb / 82P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM20019I SMSC-COM20019I_07 Datasheet
391Kb / 65P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com