Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM90C66 Datasheet(PDF) 38 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 34Page - SMSC Corporation COM90C66 Datasheet HTML 35Page - SMSC Corporation COM90C66 Datasheet HTML 36Page - SMSC Corporation COM90C66 Datasheet HTML 37Page - SMSC Corporation COM90C66 Datasheet HTML 38Page - SMSC Corporation COM90C66 Datasheet HTML 39Page - SMSC Corporation COM90C66 Datasheet HTML 40Page - SMSC Corporation COM90C66 Datasheet HTML 41Page - SMSC Corporation COM90C66 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
38
Table 11 - 16-Bit Memory Mapped Decode
The internal latches of the COM90C66 go
transparent on BALE high and latch on BALE
low.
If all addresses being used are already
latched or valid for the entire duration of the
cycle, then the BALE signal may be tied to a
logic "1".
I/O Mapped Mode:
The system can also be configured as I/O
mapped. In this case, the data transfers to and
from the packet buffer are done by accessing an
I/O location and having the internal pointer in
the device sequentially address memory.
The
nIOCS16 signal is activated upon accesses to
the 16-bit pointer register or to the 16-bit data
register.
In the I/O mapped mode, addresses up to A15
are decoded to determine accesses to the
device.
On the AT bus the A0-A15 lines are
provided as latched addresses. Therefore, the
BALE signal may be tied to a logic "1". In the
I/O Mode, no memory is used by the board
except for the optional PROM. The nMEMCS16
signal is not used at all.
A logic "0" on the nENROM pin enables ROM
mapping, and in the I/O mapped mode the user
can choose between an 8K or 16K block of
RAM.
Refer to Table 12 for the 16-bit I/O mapped
decode table as a function of the nENROM pin
and the DECODE MODE bit.
Refer to Figure
12A for an illustration of the generation of the
nIOCS16 signal.
Table 12 - 16-Bit I/O Mapped Decode
Wait State Details
In the typical computer, the Bus Speed will be
slower than the CPU speed so that the
peripherals will be able to keep up with the
machine.
In many cases, the peripheral will
need additional delays to be able to keep up,
and will therefore use the IOCHRDY signal to
tell the processor whether or not it is ready to
continue.
The use of the IOCHRDY signal
effectively "slows down" the bus.
The COM90C66 is quick enough to take
advantage of the maximum bus speed of most
AT compatibles. The function employs the use
of the nOWS signal and guarantees the fastest
microprocessor cycles. The use of the nOWS
signal effectively "speeds up" the bus.
Upon power up, the COM90C66 defaults to the
non-zero wait state mode.
The nOWS mode
can be easily configured by writing a logic "0"
into bit 2 of the Configuration Register.
For machines with faster buses, the COM90C66
can be configured to negate the IOCHRDY line
for the minimal period of time necessary. If the
IOCHRDY signal is used, it is negated for one
XTAL1 clock for RAM and internal register
cycles.
If the optional PROM is on board, it
might require a slower cycle to accommodate its
access time even if the device is configured for
Zero Wait State Mode.
When the nENROM
signal is active (logic "0"), the COM90C66 will
negate the IOCHRDY signal for two XTAL1
clocks on ROM read accesses. If the optional
external
register
is
used,
I/O
Write
n
ENROM
DECODE
MODE
RAM
n
MEMCS16
ROM
0
X
2K
2K
8K
1
0
2K
128K
-
1
1
2K
2K
-
n
ENROM
DECODE
MODE
RAM
n
MEMCS16
ROM
0
0
I/O
-
8K
0
1
I/O
-
16K
1
X
I/O
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com