Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM90C66 Datasheet(PDF) 39 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 35Page - SMSC Corporation COM90C66 Datasheet HTML 36Page - SMSC Corporation COM90C66 Datasheet HTML 37Page - SMSC Corporation COM90C66 Datasheet HTML 38Page - SMSC Corporation COM90C66 Datasheet HTML 39Page - SMSC Corporation COM90C66 Datasheet HTML 40Page - SMSC Corporation COM90C66 Datasheet HTML 41Page - SMSC Corporation COM90C66 Datasheet HTML 42Page - SMSC Corporation COM90C66 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
39
FIGURE 11 - SEQUENTIAL I/O MAPPED MEMORY ACCESS OPERATION
Address Pointer Register
Low
1K x 16
RAM
11
Data Register
16
I/O Address 0CH
I/O Address 0EH
11-Bit Counter
Memory
Address Bus
Memory
Data Bus
D0-D15
High
I/O Address 0FH
High
Low
I/O Address ODH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com